Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVM Datasheet(PDF) 2 Page - Littelfuse

Part # KVM
Description  Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KVM Datasheet(HTML) 2 Page - Littelfuse

  KVM Datasheet HTML 1Page - Littelfuse KVM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/pls
KVM SERIES
Specifications
Line Voltage
Type
Single phase
Input Voltage
110 to 120VAC or 220 to 240VAC
AC Line Frequency
50/60 Hz
Power Consumption
2.5W @ 132VAC; 4.5W @ 264VAC
Power Off Reset Time
≤ 150ms
Undervoltage Detection
Undervoltage Setpoint
KVM4
78 to 99VAC
KVM6
156 to 199VAC
Undervoltage Reset Point
KVM4
Fixed at 104VAC
KVM6
Fixed at 209VAC
Repeatability
± 0.5% under fixed conditions
±1% over temperature range
Voltage Sensing Accuracy
±2% at 25°C
Output
Type
Electromechanical relay
Form
SPDT
Rating
8A resistive @ 120VAC, 1/3 hp @ 120/240VAC
Life
Mechanical - 1 x 106; Electrical - 1x105
LED Indicator
Glows green when output is energized
Protection
Surge
IEEE C62.41-1991 Level A
Circuitry
Encapsulated
Isolation Voltage
≥ 1500V RMS input to output
Insulation Resistance
≥ 100 MΩ minimum
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating /Storage
Temperature
-25 to 55°C / -40 to 85°C
Humidity
95% relative, non-condensing
Weight
2.6 oz (74 g)
Function Diagram
TP = Undervoltage
Setpoint
R = Reset Point



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com