Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF36US05 Datasheet (PDF) - XP Power Limited

AMF36US05 Datasheet PDF - XP Power Limited
Part # AMF36US05
Download  AMF36US05 Download
File Size   2848.26 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC PO WER SUPPLIES

AMF36US05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMF36US05 Datasheet PDF - XP Power Limited

Part # AMF36US05
Download  AMF36US05 Click to download

File Size   2848.26 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC PO WER SUPPLIES

AMF36US05 Datasheet (HTML) - XP Power Limited


AMF36US05 Product details

Features
• IP22 ingress protection
• IEC/EN60601-1-11 for home healthcare applications
• Energy efficiency level VI & EU2019/1782
• Medical, home healthcare and ITE approvals
• Interchangeable mains connectors
• Input voltage range 80 to 264VAC
• Output voltages from 5V to 48VDC
• Optional white versions
• Class II construction
• 3 Years warranty




Similar Part No. - AMF36US05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AMF VISHAY-AMF Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
logo
Advantech Co., Ltd.
AMF-S25V2-256GDSBC ADVANTECH-AMF-S25V2-256GDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V2-256GDSBC ADVANTECH-AMF-S25V2-256GDSBC Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-1TDSBC ADVANTECH-AMF-S25V4-1TDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-1TDSBC ADVANTECH-AMF-S25V4-1TDSBC Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
More results


Similar Description - AMF36US05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB75 XPPOWER-ASB75 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com