Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB160 Datasheet (PDF) - XP Power Limited

ASB160 Datasheet PDF - XP Power Limited
Part # ASB160
Download  ASB160 Download
File Size   2045.71 Kbytes
Page   5 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES

ASB160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASB160 Datasheet PDF - XP Power Limited

Part # ASB160
Download  ASB160 Click to download

File Size   2045.71 Kbytes
Page   5 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES

ASB160 Datasheet (HTML) - XP Power Limited


ASB160 Product details

The ASB160 series is a range of complete low profile, full brick, baseplate cooled AC-DC
power supplies which requires no external components.
The series includes a complete built in EMC filter and AC fuse as well as bulk storage
capacitor providing a complete AC-DC power solution ready for installation into end
applications.
The ASB160 offers high efficiency to minimise waste heat and heat sinking requirements
and operates from -40°C to +90°C on the module baseplate.

Features
• Complete AC-DC power supply
• No extra components required
• Baseplate cooled full brick package
• Low profile
• Input range 90 to 264VAC
• Single outputs from 12 to 54VDC
• Output voltage trim ±5%
• High efficiency - up to 93%
• Over current, over voltage and over temperature protection
• Optional heatsink available
• -40 to +90°C baseplate operating temperature
• 3 year warranty




Similar Part No. - ASB160

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB110 XPPOWER-ASB110 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS12 XPPOWER-ASB110PS12 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS15 XPPOWER-ASB110PS15 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS24 XPPOWER-ASB110PS24 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS28 XPPOWER-ASB110PS28 Datasheet
607Kb / 4P
No Extra Components Required
More results


Similar Description - ASB160

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB75 XPPOWER-ASB75 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com