Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB160 Datasheet(PDF) 2 Page - XP Power Limited

Part # ASB160
Description  AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB160 Datasheet(HTML) 2 Page - XP Power Limited

  ASB160 Datasheet HTML 1Page - XP Power Limited ASB160 Datasheet HTML 2Page - XP Power Limited ASB160 Datasheet HTML 3Page - XP Power Limited ASB160 Datasheet HTML 4Page - XP Power Limited ASB160 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AC-DC POWER SUPPLIES
ASB160 Series
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
54
VDC
See Models and Ratings table
Initial Set Accuracy
1
%
At 60% load
Output Voltage Trim
95
105
%
Of nominal output voltage. See application note
Minimum Load
No minimum load required
Start Up Delay
1.3
s
Start Up Rise Time
10
ms
Hold Up Time
8
10
ms
Full load and 115VAC
Line Regulation
±0.5
%
Load Regulation
±0.5
%
Transient Response
2
%
Maximum deviation, recovering to less than 1% within
300µs for 25% step load
Ripple and Noise
1
% pk-pk
20MHz bandwidth, measured with 20MHz Bandwidth
and 10µF electrolytic in parallel with 0.1µF ceramic
capacitor
Overload Protection
110
140
%
Overvoltage Protection
110
150
%
Auto recovery except 54V version recycle AC to reset
Short Circuit Protection
Trip and restart (hiccup), auto resetting
Thermal Protection
Measured internally at the baseplate, auto resetting
Temperature Coefficient
0.02
%/°C
After 20 minute warm up
Remote Sense
5
%
Maximum compensation
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
1.7/0.82
A
115VAC/230VAC
Inrush Current
100
A
230VAC, cold start at 25°C
Earth Leakage Current
750
µA
264VAC, 60Hz
Power Factor
0.9
Full load
No Load Input Power
0.5/0.7
W
12V-48V/54V
Input Protection
Internal T3.15A/250VAC fitted in line
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
92
%
See models and ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VAC
Switching Frequency
180
250
kHz
Main converter, variable, load dependant
100
150
PFC
Power Density
18.5
W/in3
Mean Time Between Failure
160
khrs
MIL-HDBK-217F at 25°C GB and 115VAC
Weight
0.62 (280)
lb(g)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com