Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03006C5 Datasheet (PDF) - Infineon Technologies AG

03006C5 Datasheet PDF - Infineon Technologies AG
Part # 03006C5
Download  03006C5 Download
File Size   1861.03 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 5 Power-Transistor, 60 V

03006C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
03006C5 Datasheet PDF - Infineon Technologies AG

Part # 03006C5
Download  03006C5 Click to download

File Size   1861.03 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 5 Power-Transistor, 60 V

03006C5 Datasheet (HTML) - Infineon Technologies AG


03006C5 Product details

Features
• Optimized for synchronous rectification
• 100% avalanche tested
• Superior thermal resistance
• N-channel, normal level
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - 03006C5

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
logo
amphenol-sensors
03006-11.7K-98-G100 AMPHENOLADVANCEDSENSORS-03006-11.7K-98-G100 Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
logo
Amphenol Corporation
03006-11.7K-98-K AMPHENOL-03006-11.7K-98-K Datasheet
95Kb / 8P
Thermometrics
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
logo
amphenol-sensors
03006-111.3K-123-G100 AMPHENOLADVANCEDSENSORS-03006-111.3K-123-G100 Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
More results


Similar Description - 03006C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
IQE030N06NM5 INFINEON-IQE030N06NM5 Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE050N08NM5CG INFINEON-IQE050N08NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 80 V
Rev. 2.0, 2021-04-26
IAUC120N06S5N011 INFINEON-IAUC120N06S5N011 Datasheet
826Kb / 12P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2022-11-21
IAUC120N06S5N032 INFINEON-IAUC120N06S5N032 Datasheet
898Kb / 12P
OptiMOS™-5 Power-Transistor
Rev. 1.0 2022-06-21
IAUS200N08S5N023 INFINEON-IAUS200N08S5N023 Datasheet
384Kb / 9P
OptiMOS™-5 Power-Transistor
Rev. 1.0 2018-05-25
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
IAUTN06S5N008G INFINEON-IAUTN06S5N008G Datasheet
1Mb / 12P
OptiMOS™ 5 Power-Transistor
Rev. 1.0 2023-02-08
IAUS300N08S5N011 INFINEON-IAUS300N08S5N011 Datasheet
1Mb / 10P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2021-01-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com