Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1583A Datasheet (PDF) - Belden Inc.

1583A Datasheet PDF - Belden Inc.
Part # 1583A
Download  1583A Download
File Size   184.77 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Cable, 4 Pair, U/UTP, CMR

1583A Datasheet (PDF)

Go To PDF Page Download Datasheet
1583A Datasheet PDF - Belden Inc.

Part # 1583A
Download  1583A Click to download

File Size   184.77 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Cable, 4 Pair, U/UTP, CMR

1583A Datasheet (HTML) - Belden Inc.


1583A Product details

Product Description
Category 5e Premise Horizontal Cable (200MHz), 4 Pair, 24 AWG Solid Bare Copper Conductors, U/UTP, Riser-CMR, PVC Jacket




Similar Part No. - 1583A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1583ANH ETC2-1583ANH Datasheet
101Kb / 3P
Category 5e Nonbonded-Pair Cable
logo
Belden Inc.
1583ANH BELDEN-1583ANH Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
1583ANHF6H1000 BELDEN-1583ANHF6H1000 Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
More results


Similar Description - 1583A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4812 BELDEN-4812 Datasheet
284Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1533R BELDEN-1533R Datasheet
161Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1583EPE BELDEN-1583EPE Datasheet
164Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, PE Outdoor
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1700A BELDEN-1700A Datasheet
179Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com