Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1594A Datasheet (PDF) - Belden Inc.

1594A Datasheet PDF - Belden Inc.
Part # 1594A
Download  1594A Download
File Size   158.72 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX

1594A Datasheet (PDF)

Go To PDF Page Download Datasheet
1594A Datasheet PDF - Belden Inc.

Part # 1594A
Download  1594A Click to download

File Size   158.72 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX

1594A Datasheet (HTML) - Belden Inc.


1594A Product details

Product Description
Category 5e Premise Horizontal Cable (200MHz), Indoor/Outdoor, 4 Pair, 24 AWG Solid Bare Copper Conductors, U/UTP, Riser-CMR/CMX Outdoor, UV
Resistant PVC Jacket




Similar Part No. - 1594A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1594A ETC2-1594A Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
1594A008U1000 ETC2-1594A008U1000 Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
1594A009U1000 ETC2-1594A009U1000 Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
1594A1GFU1000 ETC2-1594A1GFU1000 Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
logo
Hammond Manufacturing L...
1594AD5 HAMMOND-1594AD5 Datasheet
86Kb / 2P
Miscellaneous Hardware & Accessories
More results


Similar Description - 1594A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2148A BELDEN-2148A Datasheet
250Kb / 3P
Category 6A Indoor/Outdoor CMR/CMX Cable
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583EPE BELDEN-1583EPE Datasheet
164Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, PE Outdoor
2022 Belden, Inc
2138A BELDEN-2138A Datasheet
161Kb / 3P
Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6U BELDEN-IOP6U Datasheet
159Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com