Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2148A Datasheet (PDF) - Belden Inc.

2148A Datasheet PDF - Belden Inc.
Part # 2148A
Download  2148A Download
File Size   250.57 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A Indoor/Outdoor CMR/CMX Cable

2148A Datasheet (PDF)

Go To PDF Page Download Datasheet
2148A Datasheet PDF - Belden Inc.

Part # 2148A
Download  2148A Click to download

File Size   250.57 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A Indoor/Outdoor CMR/CMX Cable

2148A Datasheet (HTML) - Belden Inc.




Similar Part No. - 2148A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2148 ALPHAWIRE-2148 Datasheet
96Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2148 HEYCO-2148 Datasheet
155Kb / 1P
Metric Snap Bushings
logo
CEE Norm UK Ltd
2148 CEENORM-2148 Datasheet
419Kb / 2P
Plugs
logo
VISATON GmbH & Co. KG
2148 VISATON-2148 Datasheet
202Kb / 4P
FR 8 WP - 4 Ohm (white)
logo
Alpha Wire
2148 SV005 ALPHAWIRE-2148 SV005 Datasheet
345Kb / 3P
Customer Specification
5/19/2017
More results


Similar Description - 2148A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
2138A BELDEN-2138A Datasheet
161Kb / 3P
Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
2147A BELDEN-2147A Datasheet
164Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6AU BELDEN-IOP6AU Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6F BELDEN-IOP6F Datasheet
158Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6U BELDEN-IOP6U Datasheet
159Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com