Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2138A Datasheet (PDF) - Belden Inc.

2138A Datasheet PDF - Belden Inc.
Part # 2138A
Download  2138A Download
File Size   161.18 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable

2138A Datasheet (PDF)

Go To PDF Page Download Datasheet
2138A Datasheet PDF - Belden Inc.

Part # 2138A
Download  2138A Click to download

File Size   161.18 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable

2138A Datasheet (HTML) - Belden Inc.


2138A Product details

Product Description
CAT5e (100MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR-CMX Outdoor, Premise Horizontal Cable, 24 AWG solid bare copper conductors, polyolefin
insulation, overall Beldfoil® shield,PVC jacket, RJ-45 compatible




Similar Part No. - 2138A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
logo
Alpha Wire
2138 ALPHAWIRE-2138 Datasheet
96Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2138 HEYCO-2138 Datasheet
105Kb / 1P
Universal Bushings
logo
Belden Inc.
2138 BELDEN-2138 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2138 ABBATRON-2138 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 2138A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2148A BELDEN-2148A Datasheet
250Kb / 3P
Category 6A Indoor/Outdoor CMR/CMX Cable
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1533R BELDEN-1533R Datasheet
161Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
2139A BELDEN-2139A Datasheet
161Kb / 2P
Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT Armor
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
IOP6F BELDEN-IOP6F Datasheet
158Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com