Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM358C Datasheet (PDF) - New Japan Radio

NJM358C Datasheet PDF - New Japan Radio
Part # NJM358C
Download  NJM358C Download
File Size   587.69 Kbytes
Page   10 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low power dual operational amplifier

NJM358C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM358C Datasheet PDF - New Japan Radio

Part # NJM358C
Download  NJM358C Click to download

File Size   587.69 Kbytes
Page   10 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low power dual operational amplifier

NJM358C Datasheet (HTML) - New Japan Radio


NJM358C Product details

Features
• Internally frequency-compensated
• Large DC voltage gain : 100dB typ.
• Wide bandwidth (unity gain ) : 1.1MHz typ.
• Low Operating Current : 350 uA/ch typ.
• Low input bias current: : 20nA typ.
• Input common-mode voltage range includes negative rails
• Differential input voltage range equal to the power supply voltage
• Large output voltage swing : 0V to (VCC
+ - 1.5V)
• Internal ESD protection:Human body model (HBM) ±2000V typ.
• Wide power supply range:
- Single supply: +3V to +30V
- Dual supplies: ±1.5V to ±15V

Description
The NJM358C / NJM358CA consist of two independent, high-gain, internally frequency-compensated op-amps, specifically designed
to operate from a single power supply over a wide range of voltages. The low-power supply drain is independent of the magnitude of the
power supply voltage.
Application areas include transducer amplifiers, DC gain blocks and all the conventional op-amp circuits, which can now be more easily
implemented in single power supply systems. For example, these circuits can be directly supplied with the standard +5V, which is used in
logic systems and will easily provide the required interface electronics with no additional power supply.
In linear mode, the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though
operated from only a single power supply voltage.




Similar Part No. - NJM358C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM358C NISSHINBO-NJM358C Datasheet
588Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CA NISSHINBO-NJM358CA Datasheet
588Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CAG NISSHINBO-NJM358CAG Datasheet
588Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CAV NISSHINBO-NJM358CAV Datasheet
588Kb / 10P
Low power dual operational amplifier
ver.10
NJM358CG NISSHINBO-NJM358CG Datasheet
588Kb / 10P
Low power dual operational amplifier
ver.10
More results


Similar Description - NJM358C

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com