Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CO358 Datasheet (PDF) - Ceramate Technical

CO358 Datasheet PDF - Ceramate Technical
Part # CO358
Download  CO358 Download
File Size   523.29 Kbytes
Page   5 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Low Power Dual Operational Amplifier

CO358 Datasheet (PDF)

Go To PDF Page Download Datasheet
CO358 Datasheet PDF - Ceramate Technical

Part # CO358
Download  CO358 Click to download

File Size   523.29 Kbytes
Page   5 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Low Power Dual Operational Amplifier

CO358 Datasheet (HTML) - Ceramate Technical


CO358 Product details

DESCRIPTION

The CO358 is a high performance monolithic low power Operational amplifier.





FEATURES

Internally frequency compensated for unity gain

Large dc voltage gain:100 dB

Wide bandwidth (unity gain):1 MHz (temperature compensated)

Wide power supply range:

- Single supply: 3V to 32V

- Or dual supplies:±1.5V to ±16V

Very low supply current drain(500µA)-essentially independent of supply voltage

Low input offset voltage:2mV

Input common-mode voltage range includes ground

Differential input voltage range equal to the power supply voltage

Large output voltage swing: 0V to ±1.5V




Similar Part No. - CO358

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CO3-E OMEGA-CO3-E Datasheet
1Mb / 1P
“Cement-On” Thermocouples
CO3-J OMEGA-CO3-J Datasheet
1Mb / 1P
“Cement-On” Thermocouples
CO3-K OMEGA-CO3-K Datasheet
1Mb / 1P
“Cement-On” Thermocouples
CO3-T OMEGA-CO3-T Datasheet
1Mb / 1P
“Cement-On” Thermocouples
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
Quad Ground Sense Operational Amplifier
More results


Similar Description - CO358

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
Low-power dual operational amplifier
02-Aug-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com