Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDR Datasheet (PDF) - Littelfuse

ESDR Datasheet PDF - Littelfuse
Part # ESDR
Download  ESDR Download
File Size   541.34 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Recycle

ESDR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDR Datasheet PDF - Littelfuse

Part # ESDR
Download  ESDR Click to download

File Size   541.34 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Recycle

ESDR Datasheet (HTML) - Littelfuse


ESDR Product details

Description
The ESDR Series offers independent time adjustment of both
delay periods. Adjustment options include fixed, onboard or
external adjust. The ESDR is recommended for air drying,
automatic oiling, life testing, chemical metering and automatic
duty cycling. This series is designed for general purpose
commercial and industrial applications where a small, cost
effective, reliable, solid-state timer is required. The factory
calibration for fixed time delays is <±5%. The repeat accuracy,
under stable conditions, is 0.1% of the selected time delay.
This series is designed for input voltages of 12VDC to 230VAC
in five ranges. Time delays of 0.1 seconds to 1000 minutes are
available in six ranges. The output is rated 1A steady and 10A
inrush. The modules are totally solid state and encapsulated to
protect the electronic circuitry.
Operation (Recycling - ON Time First)
Upon application of input voltage, the output energizes and
the T1, ON time begins. At the end of the ON time, the output
de-energizes and the T2, OFF time begins. At the end of the
OFF time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to the first delay.
Operation (Recycling - OFF Time First)
Upon application of input voltage, the T2 OFF time begins. At the
end of the OFF time, the output energizes and the T1 ON time
begins. At the end of the ON time, the output de-energizes and
the cycle repeats as long as input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to the first delay.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / -0.1%,
Factory calibration + / - 5%
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
ON/OFF recycling with
independent adjustment
of both time periods
Separate on and off timing settings are knob
adjustable for added flexibility
Compact, low cost
design measuring 2 in.
(50.8mm) square
Allows flexiblility for OEM applications




Similar Part No. - ESDR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0502B ONSEMI-ESDR0502B Datasheet
135Kb / 4P
Transient Voltage Suppressor ESD Protection Diodes with Ultra?묹ow Capacitance
June, 2010 ??Rev. 0
ESDR0502B ONSEMI-ESDR0502B Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
135Kb / 4P
Transient Voltage Suppressor ESD Protection Diodes with Ultra?묹ow Capacitance
June, 2010 ??Rev. 0
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
234Kb / 5P
Ultra−Low Capacitance
February, 2024 - Rev. 6
More results


Similar Description - ESDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
HRDR LITTELFUSE-HRDR Datasheet
664Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRDR LITTELFUSE-KRDR Datasheet
438Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSD3 LITTELFUSE-KSD3 Datasheet
536Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com