Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSDR Datasheet (PDF) - Littelfuse

KSDR Datasheet PDF - Littelfuse
Part # KSDR
Download  KSDR Download
File Size   533.48 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Recycle

KSDR Datasheet (PDF)

Go To PDF Page Download Datasheet
KSDR Datasheet PDF - Littelfuse

Part # KSDR
Download  KSDR Click to download

File Size   533.48 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Recycle

KSDR Datasheet (HTML) - Littelfuse


KSDR Product details

Description
The KSDR Series offers independent time adjustment of
both delay periods. The KSDR Series is recommended for air
drying, automatic oiling, life testing, chemical metering, and
automatic duty cycling. This series is designed for general
purpose commercial and industrial applications where a small,
cost effective, reliable, solid-state timer is required. The factory
calibration for fixed time delays is within ± 5% of the target
delay. The repeat accuracy, under stable conditions, is 0.5%
of the selected time delay. This series is designed for input
voltages of 24, 120 or 230VAC. Time delays of 0.1 seconds to
1000 minutes are available in 6 ranges. The output is rated 1A
steady and 10A inrush. The modules are totally solid state and
encapsulated to protect the electronic circuitry.
Operation (Recycling - ON Time First)
Upon application of input voltage, the output energizes and
the T1, ON time begins. At the end of the ON time, the output
de-energizes and the T2, OFF time begins. At the end of the
OFF time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to T1 ON time.
Operation (Recycling - OFF Time First)
Upon application of input voltage, the T2 OFF time begins. At
the end of the OFF time, the T1 ON time begins and the load
energizes. At the end of T1, T2 begins and the load de-energizes.
This cycle repeats until input voltage is removed.
Reset: Removing input voltage resets the output and the
sequence to T2 OFF time.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / -0.5%,
Factory calibration + / - 5%
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide operating
temperature range:
40° to 75°C
Reliable in demanding commercial and
industrial applications
Compact, low cost
design measuring 2 in.
Allows flexiblility for OEM applications




Similar Part No. - KSDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSD ETC-KSD Datasheet
505Kb / 1P
KSD Series Thermal Protectors
KSD-100 ETC-KSD-100 Datasheet
505Kb / 1P
KSD Series Thermal Protectors
KSD-105 ETC-KSD-105 Datasheet
505Kb / 1P
KSD Series Thermal Protectors
KSD-110 ETC-KSD-110 Datasheet
505Kb / 1P
KSD Series Thermal Protectors
KSD-115 ETC-KSD-115 Datasheet
505Kb / 1P
KSD Series Thermal Protectors
More results


Similar Description - KSDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
Dedicated - Recycle
2016 Rev: 1-A-061016
HRDR LITTELFUSE-HRDR Datasheet
664Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRDR LITTELFUSE-KRDR Datasheet
438Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSD3 LITTELFUSE-KSD3 Datasheet
536Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com