Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-B5587 Datasheet (PDF) - Advantech Co., Ltd.

EPC-B5587 Datasheet PDF - Advantech Co., Ltd.
Part # EPC-B5587
Download  EPC-B5587 Download
File Size   3139.95 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer

EPC-B5587 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC-B5587 Datasheet PDF - Advantech Co., Ltd.

Part # EPC-B5587
Download  EPC-B5587 Click to download

File Size   3139.95 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer

EPC-B5587 Datasheet (HTML) - Advantech Co., Ltd.


EPC-B5587 Product details

Features
ƒ NXP i.MX8M Plus Cortex®-A53 Quad Core 1.6GHz
ƒ On-board LPDDR4 6 GB, 4000MT/s memory
ƒ HDMI up to 3840 x 2160 at 30Hz resolution
ƒ Dual GbE LAN, 1 USB2.0 and 1 USB3.2 Gen 1
ƒ 1 Micro SD Socket & 1 Nano SIM Slot
ƒ 1 mini-PCIe for 3G/4G, 1 M.2 2230 Key E Slot
ƒ Yocto Linux and Android
ƒ 4 Kinds of Rear I/O for Each Vertical Focus: IEM, Self Service, Automation
and Networking




Similar Part No. - EPC-B5587

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
More results


Similar Description - EPC-B5587

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760_V01 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com