Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R6410 Datasheet (PDF) - Advantech Co., Ltd.

EPC-R6410 Datasheet PDF - Advantech Co., Ltd.
Part # EPC-R6410
Download  EPC-R6410 Download
File Size   3188.39 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer

EPC-R6410 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC-R6410 Datasheet PDF - Advantech Co., Ltd.

Part # EPC-R6410
Download  EPC-R6410 Click to download

File Size   3188.39 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer

EPC-R6410 Datasheet (HTML) - Advantech Co., Ltd.


EPC-R6410 Product details

Features
ƒ NXP ARM Cortex-A9 i.MX6 Dual/Quad 1GHz high performance processor
ƒ On board DDR3 1066MHz 1GB/2GB memory and 8GB EMMC NAND flash
ƒ Supports Dual Display: VGA/HDMI
ƒ Supports 1 x mini-PCIe, 4 x serial ports, 6 x USB, 1 x M.2 socket,8 x GPIO,
1 x CAN
ƒ Low power consumption, fanless design
ƒ Supports Linux and Android BSP




Similar Part No. - EPC-R6410

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
More results


Similar Description - EPC-R6410

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200_15 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-310 ADVANTECH-UBC-310_15 Datasheet
664Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Full HD RISC Signage Box
UBC-DS31 ADVANTECH-UBC-DS31_15 Datasheet
635Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Full HD RISC Signage Box
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
UBC-DS31 ADVANTECH-UBC-DS31_V01 Datasheet
599Kb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 Full HD RISC Signage Box
10-Mar-2016
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com