Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R6410 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R6410
Description  NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R6410 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R6410 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R6410 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R6410 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R6410 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Packing List
Part Number
Description
96966410000/10
NXP i.MX6D/Q 1GHz computing board
1960074545N001
Wall mount
EPC-R6410
Ordering Information
Part Number
CPU
Memory
eMMC SD
CAN UART
GPIO
VGA
HDMI
USB Host LAN Operating
Temperature
EPC-R6410CD-PAA1E
NXP i.MX6D
1GB
8GB
1
1
4
8
1
1
6
1
0 ~ 55 °C
EPC-R6410CQ-VAA1E
NXP i.MX6Q
2GB
8GB
1
1
4
8
1
1
6
1
0 ~ 55 °C
Front View
Rear View
Optional Accessories
Part Number
Description
96PSA-A36W12W7-5 ADP A/D 100-240V 36W 12V C6 LOCK DC JACK 62368
170203183C
Power cord 3P Europe (WS-010+WS-083) 183 cm
SQF-MSDM1-8G-21C SQF MICRO SD C10 MLC 8G (-25 ~ 85 °C)
1700008921
Power Cord 3P PSE 183cm
170203180A
Power cord 3P UK 2.5A/3A 250 V 1.83 M
1700019146
Power Cord CCC 3P 10A 250V 183cm
1700001524
Power cord 3P UL 10A 125 V 180 cm
968AD00018
Wifi BT module AW-NB136NF
1750002842
Wireless Antenna R-AN2450-5701RS R/P SM
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
968AD00479*
4G module LTE Cat 4 for China
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750006264
Antenna cable SMA(F)/MHF 15cm
1750008303-01
Antenna AN0727-64SP6BSM
192



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com