Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R6410 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R6410
Description  NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R6410 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R6410 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R6410 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R6410 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R6410 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
ƒ
NXP ARM Cortex-A9 i.MX6 Dual/Quad 1GHz high performance processor
ƒ
On board DDR3 1066MHz 1GB/2GB memory and 8GB EMMC NAND flash
ƒ
Supports Dual Display: VGA/HDMI
ƒ
Supports 1 x mini-PCIe, 4 x serial ports, 6 x USB, 1 x M.2 socket,8 x GPIO,
1 x CAN
ƒ
Low power consumption, fanless design
ƒ
Supports Linux and Android BSP
EPC-R6410
NXP i.MX6 Cortex-A9 RISC Embedded
Mini-ITX Box Computer
Introduction
EPC-R6410 is the RISC based box computer which integrated NXP i.MX6D/Q Cortex-A9 1.0GHz high performance processor. It is designed for the applications that require high
performance and rich I/O but low power consumption. It supports dual display via HDMI and VGA up to 1080p, 1 Gigabit Ethernet, 6 USB 2.0 and 4 serials, as well as mini-PCIE for
4G/3G and M.2 for WiFi/BT. With wall mount brackets, fanless and dust-proof design, you can easy install in rugged environment.
Specifications
Form Factor
Embedded Box Computer
Processor System
CPU
NXP ARM Cortex-A9 i.MX6 Dual/Quad 1GHz processor
Capacity
1GB/2GB of onboard DDR3 at 1066 MHz
Flash
8 GB of eMMC NAND Flash for OS and 4 MB of SPI NOR Flash for ADV loader
Ethernet
Transceiver
RTL 8211
Speed
1 x 10/100/1000 Mbps
WatchDog Timer
C8051 (time out: 0.1~6553.5s, power on/off 4s)
I/O
USB
6 x USB2.0 host
Serial
4 (3 of RS-232 w/ 4wire,1 of RS-232/422/485 w/ 4wire)
CAN
1
GPIO
8
Button
1 x Reset button, 1 x Power button
Expansion
SD Socket
1 x SD slot
Mini-PCIe
1 (USB signal only)
M.2
1 (E-Key)
Power
Power Supply Voltage
12 V DC-in
Power Type
DC-Jack
Power Consumption
6W@Max Mode
Environment
Operational Temperature
0 ~ 55 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D x H)
200 x 230 x 50 mm
Operating System
Android
Android4.4.2@ Kernel V3.0.35/Android6.0@kernel V4.1.15
Linux
Yocto1.7, Kernel V3.14.28/Yocto2.1@Kernel V4.1.15
Certifications
CE/FCC/CCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - EPC-R6410

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
More results

Similar Description - EPC-R6410

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200_15 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-310 ADVANTECH-UBC-310_15 Datasheet
664Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Full HD RISC Signage Box
UBC-DS31 ADVANTECH-UBC-DS31_15 Datasheet
635Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Full HD RISC Signage Box
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
UBC-DS31 ADVANTECH-UBC-DS31_V01 Datasheet
599Kb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 Full HD RISC Signage Box
10-Mar-2016
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com