Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-7421 Datasheet (PDF) - Advantech Co., Ltd.

ROM-7421 Datasheet PDF - Advantech Co., Ltd.
Part # ROM-7421
Download  ROM-7421 Download
File Size   3343.2 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module

ROM-7421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROM-7421 Datasheet PDF - Advantech Co., Ltd.

Part # ROM-7421
Download  ROM-7421 Click to download

File Size   3343.2 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module

ROM-7421 Datasheet (HTML) - Advantech Co., Ltd.


ROM-7421 Product details

Features
ƒ NXP ARM Cortex-A9 i.MX6 Solo/Dual Plus/Quad Plus 1 GHz high
performance processor
ƒ Onboard DDR3 memory 1 GB/2 GB
ƒ Onboard eMMC NAND Flash 16 GB
ƒ Supports OpenGL ES 2.0 and OpenVG 1.1 hardware accelerators, full HD
1080p video codec
ƒ HDMI, Dual Channel 24bit LVDS
ƒ 1 CAN, 2 UART, 2 I2C, 8 GPIO, 1 I2S
ƒ 4 USB, 1 SDIO, 1 SATA II (Only for Dual Plus & Quad Plus)
ƒ 1 10/100/1000 Mbps Ethernet; 1 PCIe x1 Gen2
ƒ Optional thermal solution




Similar Part No. - ROM-7421

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
430Kb / 2P
Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-7420CD-MDA2E ADVANTECH-ROM-7420CD-MDA2E Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
More results


Similar Description - ROM-7421

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com