Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-7421 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-7421
Description  NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-7421 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-7421 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-7421 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-7421 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-7421 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
NXP ARM Cortex-A9 i.MX6 Qseven 2.0
Module
ROM-7421
ƒ
NXP ARM Cortex-A9 i.MX6 Solo/Dual Plus/Quad Plus 1 GHz high
performance processor
ƒ
Onboard DDR3 memory 1 GB/2 GB
ƒ
Onboard eMMC NAND Flash 16 GB
ƒ
Supports OpenGL ES 2.0 and OpenVG 1.1 hardware accelerators, full HD
1080p video codec
ƒ
HDMI, Dual Channel 24bit LVDS
ƒ
1 CAN, 2 UART, 2 I2C, 8 GPIO, 1 I2S
ƒ
4 USB, 1 SDIO, 1 SATA II (Only for Dual Plus & Quad Plus)
ƒ
1 10/100/1000 Mbps Ethernet; 1 PCIe x1 Gen2
ƒ
Optional thermal solution
Introduction
ROM-7421 Qseven Module integrates ARM Cortex-A9 NXP i.MX6 series ultra low power SoC and I/O solution chips to be Linux support ready. NXP i.MX6 supports 2D, 3D graphics
acceleration, full HD 1080P video decoding and an HD 1080p video encoding hardware engine.
ROM-7421 has Advantech ROM-DB7501 Evaluation Carrier Board for easy integration and design reference; we also offer referenced schematics and layout checklists for carrier board
development. Additionally, Linux BSP, test utilities, HW design utilities and reference codes are ready for application development and device integration.
Specifications
Form Factor
Qseven 2.0
Processor System
CPU
NXP ARM Cortex-A9 i.MX6 Solo/Dual Plus/Quad Plus 1 GHz
Memory
Technology
DDR3 1066 MT/s
Capacity
On-board DDR3 1 GB/2 GB
Flash
16 GB eMMC NAND Flash for O.S. and 4 MB SPI NOR Flash for Advantech boot loader
Graphics
LVDS
2 x 24-bit LVDS, 1366 x 768 for 1ch; 1920 x 1080 for 2ch
HDMI
1920 x 1080
Graphics Engine
2 IPUs. OpenGL ES 2.0 for 3D, BitBlt for 2D and OpenVG 1.1
H/W Video Codec
Decoder: MPEG-4 ASP, H.264 HP, H.263, MPEG-2 MP, MJPEG BP
Encoder: MPEG-4 SP, H.264 BP, H.263, MJPEG BP
Ethernet
Chipset
NXP i.MX6 integrated RGMII
Speed
1 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
HW Watchdog Timer
I/O (Edge finger)
PCIe
1 PCIe, 1 x Lane
SATA
1 SATA II (Solo SKU does not support)
USB
4 USB 2.0 (1 USB OTG)
Audio
I2S
SPDIF
-
SDIO
1
Serial Port
2 UART (4 wire)
SPI
1
CAN
1
GPIO
8
I2C
2
System Bus
-
Touch
-
Keypad
-
I/O (On board)
UART
1 (for console)
SD
1 microSD
Camera
1 MIPI-CSI (Solo SKU does not support)
Power
Power Supply Voltage
5 V
Power Consumption
4.4 Watts (Max)
Environment
Operational Temperature
0 ~ 60° C
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
70 x 70 mm
Operating System
Yocto Linux
Certifications
CE/FCC Class B
All product specifications are subject to change without notice.
Last updated: 21-Jun-2022


Similar Part No. - ROM-7421

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
430Kb / 2P
Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-7420CD-MDA2E ADVANTECH-ROM-7420CD-MDA2E Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
More results

Similar Description - ROM-7421

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com