Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-7421 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-7421
Description  NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-7421 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-7421 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-7421 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-7421 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-7421 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-7421
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN
USB
Host
USB
OTG Display
SATA PCIe HDMI SD CANbus I²C SPI Size
Power
Input
Operating
Temperature
ROM-7421CE-MDA2E i.MX6 Dual
Plus 1 GHz 1 GB
16 GB
2
1
4
1
2 x 24-bit LVDS 1
1
1
1
1
2
1
70 x 70 x 5mm 5V
0 ~ 60° C
ROM-7421CU-MEA2E
i.MX6
Quad Plus
1 GHz
2 GB
16 GB
2
1
4
1
2 x 24-bit LVDS 1
1
1
1
1
2
1
70 x 70 x 5mm 5V
0 ~ 60° C
ROM-7421CS-MDA2E i.MX6 Solo
1 GHz
1 GB
16 GB
2
1
4
1
2 x 24-bit LVDS -
1
1
1
1
2
1
70 x 70 x 5mm 5V
0 ~ 60° C
Development Board
Part No.
Description
ROM-DB7501-SCA1E
Development board for RISC Qseven 2.0 module
Optional Accessories
Part No.
Description
1700022373-01
Debug Port Cable for ROM-7421
9696ED2000E
Debug Port Adapter for ROM-7421
96PSA-A36W12R1-3
ADP A/D 100-240V 36W 12V C6 DC PLUG 90° 62368
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Code 3P Europe (WS-010+WS-083)183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
SQF-ISDS1-2G-86E
SQFlash SD card SLC 2G, 1CH (-40 ~ 85° C)
EWM-W142F01E
802.11 b/g/n,AR9287,2T2R,Full size Mini PCIe
1750007050-01
WiFi RP-SMA short SMA Jack(9.5mm) to U.FL_100mm
(WiFi Cable)
1750000318
EMI Antenna 2DBI 2.4GHz SMA CONN for ARK-3384
(WiFi Antenna)
968EMW0093
Telit HE910-D Mini PCIE
1750007156-01
Cellular/GPS SMA Short JACK(9.5MM) L=100mm
(3G Cable)
1750005865
Antenna L=10.9cm 50Ohm AN8921F-5701SM
(3G Antenna)
1960079757N000
H.D R2 freescale-iMX6 S-7W 70x63x8-SC RO
(Not required for 0 ~ 60° C)
70
64.9
56.5
2.5
Dimensions
Unit: mm
5-pin console
Camera conn.
Micro SD
4MB SPI
NOR Flash
PMIC
UART
UART x2
CAN
MIPI-CSI*
SDIO
GPIOx8
RGMII
SDIO
USB
USB
PCIe
SATA*
SPI
I2C
I2S
SPI
HDMI
LVDS x2
WDT
RTL8211FS
USB0
USB2
USB3
GbE
NXP i.MX6
DDR3
16GB eMMC
CY7C65630
* Solo SKU does not support



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com