Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-7420 Datasheet (PDF) - Advantech Co., Ltd.

ROM-7420 Datasheet PDF - Advantech Co., Ltd.
Part # ROM-7420
Download  ROM-7420 Download
File Size   3281.25 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP ARM® Cortex®-A9 i.MX6 Qseven Module

ROM-7420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROM-7420 Datasheet PDF - Advantech Co., Ltd.

Part # ROM-7420
Download  ROM-7420 Click to download

File Size   3281.25 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP ARM® Cortex®-A9 i.MX6 Qseven Module

ROM-7420 Datasheet (HTML) - Advantech Co., Ltd.


ROM-7420 Product details

Features
ƒ NXP ARM® Cortex®-A9 i.MX6 Dual 1 GHz high performance processor
ƒ Onboard DDR3 memory 1 GB and eMMC Flash 16 GB
ƒ HDMI, VGA, LVDS, up to 4 displays
ƒ Compact in size 70 x 70mm
ƒ Rich I/O with 2 CAN, 4 UART, Giga LAN, PCIe and SATA
ƒ Low power consumption, fanless design
ƒ Supports Linux and Android BSP




Similar Part No. - ROM-7420

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
430Kb / 2P
Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-7420CS-MCA1E ADVANTECH-ROM-7420CS-MCA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
More results


Similar Description - ROM-7420

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com