Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3583 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC3583 Datasheet PDF - Texas Instruments
Part # ADC3583
Download  ADC3583 Download
File Size   5714.12 Kbytes
Page   85 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC

ADC3583 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3583 Datasheet PDF - Texas Instruments

Part # ADC3583
Download  ADC3583 Click to download

File Size   5714.12 Kbytes
Page   85 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC

ADC3583 Datasheet (HTML) - Texas Instruments


ADC3583 Product details

1 Features
• 18-bit 10/25/65 MSPS ADC
• Noise Floor: -160 dBFS/Hz
• Ultra Low Power with Optimized Power Scaling:
77 mW (10 MSPS) to 119 mW (65 MSPS)
• Latency: 1 clock cycle (1-wire SLVDS)
• Specified 18-bit, no missing codes
• INL/DNL: ±7/ ±0.7 LSB (typ)
• Reference: External or Internal
• Input Bandwidth: 900 MHz (3dB)
• Industrial Temperature Range: -40 to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small Footprint: 40-WQFN (5x5 mm) Package
• Spectral Performance (fIN = 1 MHz):
– SNR: 84.5 dBFS
– SFDR: 95 dBc HD2, HD3
– SFDR: 100 dBFS Worst Spur
• Spectral Performance (fIN = 20 MHz):
– SNR: 83.5 dBFS
– SFDR: 90 dBc HD2, HD3
– SFDR: 95 dBFS Worst Spur

2 Applications
• High-Speed Data Acquisition
• Industrial Monitoring
• Software Defined Radio
• Power Quality Analyzer
• Source Measurement Unit (SMU)
• Communications Infrastructure
• Spectrum Analyzer
• Control Loops
• Instrumentation
• Imaging
• Spectroscopy
• Radar
• Sonar

3 Description
The ADC358x is a low noise, ultra-low power 18-bit
65 MSPS high-speed ADC family. Designed for low
noise performance, it delivers a noise spectral density
of -160 dBFS/Hz combined with excellent linearity
and dynamic range. The ADC358x offers very good
DC precision together with IF sampling support which
makes it suited for a wide range of applications. Highspeed
control loops benefit from the short latency
as low as only 1 clock cycle. The ADC consumes
only 119 mW at 65 Msps and its power consumption
scales well with lower sampling rates.
The ADC358x uses a serial LVDS (SLVDS) interface
to output the data which minimizes the number of
digital interconnects. The device supports a one-lane
and two-lane option. The ADC358x is a pin to pin
compatible family with different speed grades. It
comes in a 40-pin QFN package (5 x 5 mm) and
supports the extended industrial temperature range
from -40 to +105⁰C.




Similar Part No. - ADC3583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3583IRSBR TI-ADC3583IRSBR Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3583IRSBT TI-ADC3583IRSBT Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
More results


Similar Description - ADC3583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 73P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3563 TI-ADC3563_V01 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3561 TI-ADC3561 Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com