Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3663IRSBT Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC3663IRSBT Datasheet PDF - Texas Instruments
Part # ADC3663IRSBT
Download  ADC3663IRSBT Download
File Size   5510.35 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC

ADC3663IRSBT Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3663IRSBT Datasheet PDF - Texas Instruments

Part # ADC3663IRSBT
Download  ADC3663IRSBT Click to download

File Size   5510.35 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC

ADC3663IRSBT Datasheet (HTML) - Texas Instruments


ADC3663IRSBT Product details

1 Features
• 16-Bit 10-MSPS, 25-MSPS, or 65-MSPS ADCs
• Noise floor: –158 dBFS/Hz
• Low power consumption:
53 mW/ch (10 MSPS) to 94 mW/ch (65 MSPS)
• Latency: 1 cycle (1-wire SLVDS)
• Specified 16-bit, no missing codes
• INL: ± 3 LSB; DNL: ± 0.7 LSB
• Reference: external or internal
• Input bandwidth: 900 MHz (3 dB)
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small footprint: 40-WQFN (5 mm × 5 mm) package
• Spectral performance (fIN = 10 MHz):
– SNR: 81.9 dBFS
– SFDR: 92-dBc HD2, HD3
– SFDR: 99-dBFS worst spur

2 Applications
• High-speed data acquisition
• Industrial monitoring
• Software defined radio
• Power quality analyzer
• Source measurement unit (SMU)
• Communications Infrastructure
• Spectrum analyzer
• Control loops
• Instrumentation
• Imaging
• Spectroscopy
• Radar
• Sonar

3 Description
The ADC3661, ADC3662, and ADC3663 (ADC366x)
family of devices are low-noise, ultra-low power, 16-
bit, 10-MSPS to 65-MSPS, high-speed, dual-channel,
analog-to-digital converters (ADCs). Designed for low
noise performance, these devices deliver a noise
spectral density of –158 dBFS/Hz combined with
great linearity and dynamic range. The ADC366x
offers good dc precision together with IF sampling
support making these devices suitable for a wide
range of applications. High-speed control loops
benefit from the short latency as low as only 1 clock
cycle. The ADC consumes only 94 mW/ch at 65
MSPS and power consumption that scales well with
lower sampling rates.
The ADC366x uses a serial LVDS (SLVDS) interface
to output the data. The devices support a two-lane,
a one-lane and a half-lane option. These devices are
a pin-to-pin compatible family with 16-bit and 18-bit
resolution and different speed grades. The devices
come in a 40-pint QFN package (5 x 5 mm), and
supports the extended industrial temperature range of
–40°C to +105⁰C.




Similar Part No. - ADC3663IRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3663IRSBT TI-ADC3663IRSBT Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3663IRSBT TI-ADC3663IRSBT Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3663IRSBT TI-ADC3663IRSBT Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3663IRSBT TI2-ADC3663IRSBT Datasheet
5Mb / 92P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3663IRSBT.A TI2-ADC3663IRSBT.A Datasheet
5Mb / 92P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
More results


Similar Description - ADC3663IRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3563 TI-ADC3563_V01 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3561 TI-ADC3561 Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com