Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBAFES Datasheet (PDF) - NXP Semiconductors

MFS5600AMBAFES Datasheet PDF - NXP Semiconductors
Part # MFS5600AMBAFES
Download  MFS5600AMBAFES Download
File Size   234.08 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Configuration report for FS5600-B OTP program ID: AF rev A

MFS5600AMBAFES Datasheet (PDF)

Go To PDF Page Download Datasheet
MFS5600AMBAFES Datasheet PDF - NXP Semiconductors

Part # MFS5600AMBAFES
Download  MFS5600AMBAFES Click to download

File Size   234.08 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Configuration report for FS5600-B OTP program ID: AF rev A

MFS5600AMBAFES Datasheet (HTML) - NXP Semiconductors


MFS5600AMBAFES Product details

General description
The FS5600 integrates a battery connected DC-DC controller with external FETs and a
battery connected DC-DC converter with internal FETs. In addition, it offers functional
safety features such as independent voltage monitors, windowed watchdog timer, I/O
monitoring via ERRMON and FCCU and build-in-self-test.
Note: Electrical characteristics are maintained in the FS5600 data sheet

Features and benefits
• 2 x High-Voltage Buck Converters:
- Buck Controller - External FETs - 900 mA gate drive current
- Buck Regulator - Internal FETs - 3 A+ load capability
- ±1.5 % Output Accuracy
- 250 KHz to 3 MHz switching frequency
• High-efficiency PFM mode
• Safety Features:
- Available in Enhanced ASIL B, ASIL B, and QM variations
- 2 internal and up to 4 high-accuracy external voltage monitors
- Windowed Watchdog Timer
- ERRMON and FCCU monitoring
- 2 x PGOOD and 1 x FS0B outputs
- ABIST and LBIST for latest failure check
• GPIOs for seamless operation with PF PMICs
• Rated from –40 °C to 150 °C TJ
• 32-Ld 5 mm x 5 mm QFN
• AEC-Q100 Grade-1 Qualified

Applications
• Infotainment / Cluster / Driver Awareness
• Telematics
• V2X
• Radar
• Vision
• ADAS
• Sensor fusion




Similar Part No. - MFS5600AMBAFES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFS5600AMBAFES NXP-MFS5600AMBAFES Datasheet
2Mb / 118P
Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 4 - 29 April 2024
More results


Similar Description - MFS5600AMBAFES

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS21Q59, REV A2
02/03/2004 Rev A2
DS3930 MAXIM-DS3930 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS3930, REV A1
08/01/03 Rev A1
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
ATMEL Corporation
AT83C5103 ATMEL-AT83C5103_14 Datasheet
580Kb / 2P
12K Bytes ROM/OTP Program Memory
AT87C5103 ATMEL-AT87C5103_14 Datasheet
580Kb / 2P
12K Bytes ROM/OTP Program Memory
logo
STMicroelectronics
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
How to program STM8T143 OTP options
26-Mar-2013
logo
PHOENIX CONTACT
2729392 PHOENIX-2729392 Datasheet
79Kb / 2P
Program and configuration memory, 4 Mbyte
2403484 PHOENIX-2403484 Datasheet
105Kb / 6P
Program / configuration memory - SD FLASH 2GB EMLOG
09/12/2020
1081550 PHOENIX-1081550 Datasheet
258Kb / 6P
Program / configuration memory - SD FLASH 2GB IDS
Dec 8, 2022
2402855 PHOENIX-2402855 Datasheet
437Kb / 9P
Program / configuration memory - SD FLASH 2GB APPLIC B
Dec 8, 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com