Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCNHR Datasheet (PDF) - Littelfuse

DCNHR Datasheet PDF - Littelfuse
Part # DCNHR
Download  DCNHR Download
File Size   259.63 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 900V DC MAX CONTACTOR RELAY

DCNHR Datasheet (PDF)

Go To PDF Page Download Datasheet
DCNHR Datasheet PDF - Littelfuse

Part # DCNHR
Download  DCNHR Click to download

File Size   259.63 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 900V DC MAX CONTACTOR RELAY

DCNHR Datasheet (HTML) - Littelfuse


DCNHR Product details

Description
The DCNHR Series 450V High-Current High-Voltage
DC Contactor Relay is a normally open (also known
as monostable) relay with a resin body for corrosion
resistance in harsh automotive environments. Versions are
available with a PWM coil to reduce power for keeping the
contacts closed. Sealed contacts help ensure there is no
leakage of electrical arc for safety. The high-current relay’s
permanent magnet blows the magnetic field horizontally to
achieve a high-voltage DC cutoff.
The DCNHR Series contactor relay is available for 100A,
250A, and 300A contact switching.

Applications
• Battery electric vehicles
• Hybrid electric vehicles
• Electric maintenance vehicles
• Industrial applications

Features and Benefits
• Available with 100A, 250A, and 300A contact switching
capability
• Normally open relay design
• Resin housing provides corrosion resistance in harsh
automotive environments
• Sealed contacts with no leakage of electrical arc for
maximum safety
• Built-in energy-saving coil to reduce the coil holding power
• RoHS compliant




Similar Part No. - DCNHR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNHE30 LITTELFUSE-DCNHE30 Datasheet
356Kb / 3P
1000V DC Max Contactor Relays
Rev: 121125
DCNHE30PF12-F LITTELFUSE-DCNHE30PF12-F Datasheet
356Kb / 3P
1000V DC Max Contactor Relays
Rev: 121125
DCNHE30PF24-F LITTELFUSE-DCNHE30PF24-F Datasheet
356Kb / 3P
1000V DC Max Contactor Relays
Rev: 121125
DCNHE30PF48-F LITTELFUSE-DCNHE30PF48-F Datasheet
356Kb / 3P
1000V DC Max Contactor Relays
Rev: 121125
More results


Similar Description - DCNHR

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJM-50A DONGYA-ZLJM-50A Datasheet
98Kb / 3P
DC Contactor
ZLJM-80D DONGYA-ZLJM-80D Datasheet
292Kb / 1P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-200D DONGYA-ZLJM-200D Datasheet
60Kb / 2P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
Littelfuse
DCNLB LITTELFUSE-DCNLB Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
DCNLM LITTELFUSE-DCNLM Datasheet
467Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 081122-A
logo
ABB
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com