Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCNLB Datasheet (PDF) - Littelfuse

DCNLB Datasheet PDF - Littelfuse
Part # DCNLB
Download  DCNLB Download
File Size   291.28 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V DC MAX CONTACTOR RELAY

DCNLB Datasheet (PDF)

Go To PDF Page Download Datasheet
DCNLB Datasheet PDF - Littelfuse

Part # DCNLB
Download  DCNLB Click to download

File Size   291.28 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V DC MAX CONTACTOR RELAY

DCNLB Datasheet (HTML) - Littelfuse


DCNLB Product details

Description
Designed for the electric control systems of
communication power supplies, uninterruptible power
supplies (UPS), engineering machines, and more, the
DCNLB Series 48V High-Current DC Contactor Relay is
a normally closed relay that is available in single-coil and
double-coil configurations. The high-current contactor relay
is also available with coil voltage ratings of 24V, 48V, and
60V to suit various applications.

Applications
• Communication Power Supplies
• UPS

Features and Benefits
• Up to 200A continuous current rating for high-current
contact switching
• Able to make and break up to 1600A
• Main contacts are rated for 48V (typical) and 60V (max)
• Coil voltage options include 24V, 48V, and 60V
• Normally close, monostable relay design
• Available in single-coil and double-coil configurations
• Non-polarized contacts




Similar Part No. - DCNLB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNLEV100 LITTELFUSE-DCNLEV100 Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-B LITTELFUSE-DCNLEV100-B Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-BA LITTELFUSE-DCNLEV100-BA Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-BAN LITTELFUSE-DCNLEV100-BAN Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100-BAS LITTELFUSE-DCNLEV100-BAS Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
More results


Similar Description - DCNLB

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJM-50A DONGYA-ZLJM-50A Datasheet
98Kb / 3P
DC Contactor
ZLJM-80D DONGYA-ZLJM-80D Datasheet
292Kb / 1P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-200D DONGYA-ZLJM-200D Datasheet
60Kb / 2P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
Littelfuse
DCNHR LITTELFUSE-DCNHR Datasheet
259Kb / 5P
900V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc. 081722-A
DCNLM LITTELFUSE-DCNLM Datasheet
467Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 081122-A
logo
ABB
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com