Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1888ENC Datasheet (PDF) - Belden Inc.

1888ENC Datasheet PDF - Belden Inc.
Part # 1888ENC
Download  1888ENC Download
File Size   169.28 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 7A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor IEC60332-3-24

1888ENC Datasheet (PDF)

Go To PDF Page Download Datasheet
1888ENC Datasheet PDF - Belden Inc.

Part # 1888ENC
Download  1888ENC Click to download

File Size   169.28 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 7A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor IEC60332-3-24

1888ENC Datasheet (HTML) - Belden Inc.


1888ENC Product details

Product Description
Category 7A Enhanced Premise Horizontal Cable (1200MHz), 4-Pair, 22 AWG solid bare copper conductors, S/FTP, Foam Polyethylene insulation, each pair
with Beldfoil® shield, overall tinned copper braid shield (50% coverage), LSZH jacket IEC60332-3-24




Similar Part No. - 1888ENC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1888 ETC2-1888 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1888 KEYSTONE-1888 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
STMicroelectronics
1888-03 STMICROELECTRONICS-1888-03 Datasheet
42Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
logo
Festo Corporation.
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
logo
TE Connectivity Ltd
1888020-1 TEC-1888020-1 Datasheet
384Kb / 2P
DIMENSIONING AND TOLERANCING
More results


Similar Description - 1888ENC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GXE01 BELDEN-10GXE01 Datasheet
174Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, F/FTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GXE02 BELDEN-10GXE02 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GXE03 BELDEN-10GXE03 Datasheet
165Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/FTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GXE73 BELDEN-10GXE73 Datasheet
224Kb / 3P
10GX Category 6A Enhanced Cable, 2 x 4 Pair, U/FTP, LSZH Indoor CPR Dca
2022 Belden, Inc
10GXE91 BELDEN-10GXE91 Datasheet
174Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, F/FTP, LSZH Indoor CPR Eca IEC60332-3-24
2022 Belden, Inc
10GXE92 BELDEN-10GXE92 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor CPR Eca IEC60332-3-24
2022 Belden, Inc
10GXV02 BELDEN-10GXV02 Datasheet
170Kb / 3P
DNV GL, Shipboard, 10GX Category 6A Enhanced Cable, 4 Pair, S/FTP,LSZH Indoor CPR Eca
2022 Belden, Inc
10GXV91 BELDEN-10GXV91 Datasheet
174Kb / 3P
DNV GL, Shipboard, 10GX Category 6A Enhanced Cable, 4 Pair, F/FTP,LSZH Indoor CPR Eca 60332-3-24
2022 Belden, Inc
10GXV92 BELDEN-10GXV92 Datasheet
171Kb / 3P
DNV GL, Shipboard, 10GX Category 6A Enhanced Cable, 4 Pair, S/FTP,LSZH Indoor CPR Eca 60332-3-24
2022 Belden, Inc
1885VNC BELDEN-1885VNC Datasheet
169Kb / 3P
DNV GL, Shipboard, Category 7 Cable, 4 Pair, S/FTP, LSZH Indoor 60332-3-24
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com