Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1888-03 Datasheet (PDF) - STMicroelectronics

1888-03 Datasheet PDF - STMicroelectronics
Part # 1888-03
Download  1888-03 Download
File Size   42.79 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS

1888-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
1888-03 Datasheet PDF - STMicroelectronics

Part # 1888-03
Download  1888-03 Click to download

File Size   42.79 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS

1888-03 Datasheet (HTML) - STMicroelectronics


1888-03 Product details

DESCRIPTION
The SD1888-03 is a 28 V Class C silicon NPN transistor designed for INMARSAT and other 1.65 GHz SATCOM applications. Agold metallized emitter-ballasted die geometry is employed providing high gain and efficiency while ensuring long term reliability and ruggedness under severe operating conditions. SD1888-03 is packaged in a cost-effective epoxy sealed housing

■ 1.65 GHz
■ 28 VOLTS
■ EFFICIENCY 50% MIN.
■ CLASS C OPERATION
■ COMMON BASE
■ INPUT/OUTPUT MATCHING
■ POUT = 24 W MIN. WITH 9.0 dB GAIN




Similar Part No. - 1888-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1888 ETC2-1888 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1888 KEYSTONE-1888 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Festo Corporation.
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
logo
TE Connectivity Ltd
1888020-1 TEC-1888020-1 Datasheet
384Kb / 2P
DIMENSIONING AND TOLERANCING
1888020-2 TEC-1888020-2 Datasheet
384Kb / 2P
DIMENSIONING AND TOLERANCING
More results


Similar Description - 1888-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
Jul-1993
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Nov-1992
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com