Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4640 Datasheet (PDF) - Analog Devices

ADMV4640 Datasheet PDF - Analog Devices
Part # ADMV4640
Download  ADMV4640 Download
File Size   2794.66 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter

ADMV4640 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV4640 Datasheet PDF - Analog Devices

Part # ADMV4640
Download  ADMV4640 Click to download

File Size   2794.66 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter

ADMV4640 Datasheet (HTML) - Analog Devices


ADMV4640 Product details

GENERAL DESCRIPTION
The ADMV4640 is a microwave downconverter optimized for various
satellite communication (SATCOM) user terminals operating in
the 10.7 GHz to 12.7 GHz RF range.
The ADMV4640 local oscillator (LO) signal is generated internally
via the on-chip Integer N (INT) synthesizer. The internal synthesizer
enables LO frequency coverage from 8.7 GHz to 10.7GHz. The
input RF signals from 10.7 GHz to 12.7 GHz are downconverted
to an output intermediate frequency (IF) of 1.4 GHz to 2.2 GHz.
The chip includes filtering to reject the image band of 6.7 GHz
to 8.7 GHz. The on-chip low noise amplifier includes a 6 dB step
attenuator before the mixer to allow the user to trade off between
lower noise figure and higher linearity. In addition, the chip includes
a digital step attenuator at the IF output to provide up to 31 dB of
gain control range with 1 dB steps to adjust for subsequent cable
losses.
The digital serial peripheral interface (SPI) allows easy programming
of the device. In addition to the digital SPI control, an analog
control pin (RX_MUTE) quickly powers down all circuits and places
the receiver in standby mode for power saving. An analog generalpurpose
input-output (AGPIO) pin can be used either as an input
to be read by the on-chip analog-to-digital converter (ADC) or as
an output for internal analog proportional to absolute temperature
(PTAT) voltage. There are also three digital GPIO pins to output
logic levels to control external devices using the SPI.
The ADMV4640 downconverter comes in a compact, thermally
enhanced, 6 mm × 6 mm, 40-lead, lead frame chip scale package
(LFCSP). The ADMV4640 operates over the −40°C to +85°C case
temperature range.

FEATURES
► X/Ku band to IF downconverter with integrated PLL
► RF input frequency range: 10.7 GHz to 12.7 GHz
► Internal LO frequency range: 8.7 GHz to 10.7 GHz
► Noise figure: 5.2 dB, minimum attenuation, LNA low gain mode
► Matched, 50 Ω, single-ended RF input and IF output
► On-chip temperature sensor
► On-chip ADC
► Receiver synthesizer lock detect pin
► Programmable at 20 MHz via 4-wire SPI interface
► Receiver standby function
► 40-lead, 6 mm × 6 mm LFCSP package

APPLICATIONS
► SATCOM user terminals




Similar Part No. - ADMV4640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4630BCPZN AD-ADMV4630BCPZN Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4630BCPZN-RL7 AD-ADMV4630BCPZN-RL7 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4680 AD-ADMV4680 Datasheet
136Kb / 2P
10.7 GHz to 14.5 GHz, 4-Channel Half-Duplex Beamformer
Rev. Sp0
More results


Similar Description - ADMV4640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
Jul-1993
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
logo
Qorvo, Inc
CMD320C3 QORVO-CMD320C3 Datasheet
349Kb / 13P
10.7-12.7 GHz Ultra Low Noise Amplifier
QPA1009D QORVO-QPA1009D Datasheet
663Kb / 17P
10.7 ??12.7 GHz 17.5 Watt GaN Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
logo
Analog Devices
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com