Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1897 Datasheet (PDF) - STMicroelectronics

SD1897 Datasheet PDF - STMicroelectronics
Part # SD1897
Download  SD1897 Download
File Size   47.44 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS

SD1897 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1897 Datasheet PDF - STMicroelectronics

Part # SD1897
Download  SD1897 Click to download

File Size   47.44 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS

SD1897 Datasheet (HTML) - STMicroelectronics


SD1897 Product details

DESCRIPTION

The SD1897 is a 28 V Class C silicon NPN transistor designed for INMARSAT and other 1.65 GHz SATCOM applications. A gold metallized emitter ballasted die geometry is employed providing high gain and efficiency while ensuring long term re

liability and ruggedness under severe operating conditions. SD1897 is packaged in a cost-effective epoxy sealed housing.



. 1.65 GHz

. 28 VOLTS

. CLASS C OPERATION

. COMMON BASE

. POUT = 10 W MIN. WITH 11.0 dB GAIN




Similar Part No. - SD1897

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
logo
Semicoa Semiconductor
SD1893 SEMICOA-SD1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
logo
Semicoa Semiconductor
SD1893F SEMICOA-SD1893F Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
More results


Similar Description - SD1897

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Nov-1992
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com