Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1894 Datasheet (PDF) - STMicroelectronics

SD1894 Datasheet PDF - STMicroelectronics
Part # SD1894
Download  SD1894 Download
File Size   45.08 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS

SD1894 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1894 Datasheet PDF - STMicroelectronics

Part # SD1894
Download  SD1894 Click to download

File Size   45.08 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS

SD1894 Datasheet (HTML) - STMicroelectronics


SD1894 Product details

DESCRIPTION
The SD1894 is a common base silicon NPN bipolar device optimized for 1.6 GHz SATCOM applications.
The SD1894 offers superior gain and collector efficiency, making it an ideal choice for Class C power amplifiers used in portable as well as fixed SATCOM terminals.

■ CLASS C
■ 1.6 GHz
■ COMMON BASE
■ REFRACTORY/GOLD METALLIZATION
■ EFFICIENCY = 50% MIN.
■ POUT = 4.5 W MIN. WITH 10 dB GAIN




Similar Part No. - SD1894

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
logo
Semicoa Semiconductor
SD1893 SEMICOA-SD1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
logo
Semicoa Semiconductor
SD1893F SEMICOA-SD1893F Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
More results


Similar Description - SD1894

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1517-025 STMICROELECTRONICS-AM1517-025 Datasheet
84Kb / 8P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
May-2000
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
AM81720-012 STMICROELECTRONICS-AM81720-012 Datasheet
85Kb / 4P
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
STM1645-10 STMICROELECTRONICS-STM1645-10 Datasheet
51Kb / 5P
RF POWER MODULES SATELLITE COMMUNICATIONS APPLICATIONS
logo
Advanced Power Technolo...
MS1511 ADPOW-MS1511 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
MS1527 ADPOW-MS1527 Datasheet
121Kb / 4P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com