Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1894 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1894
Description  RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1894 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1894 Datasheet HTML 1Page - STMicroelectronics SD1894 Datasheet HTML 2Page - STMicroelectronics SD1894 Datasheet HTML 3Page - STMicroelectronics SD1894 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
PIN
f = 1650 MHz
VCC =28 V
POUT = 4.5 W
—
.35
.45
W
ηc
f = 1650 MHz
VCC =28 V
POUT = 4.5 W
50
55
—
%
PG
f = 1650 MHz
VCC =28 V
POUT = 4.5 W
10.0
11.1
—
dB
Load
Mismatch
VCC =28 V
POUT = 4.5 W
VSWR = 20:1
No Degradation in
Output Power
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC = 1 mA
IE =0 mA
45
—
—
V
BVCES
IC = 1 mA
VBE =0 V
45
—
—
V
BVEBO
IE = 1 mA
IC =0 mA
3.0
—
—
V
ICBO
VCB =28 V
IE =0 mA
——
.25
mA
hFE
VCE =5 V
IC =.2 A
15
—
150
—
DYNAMIC
INPUT POWER vs OUTPUT POWER
SD1894
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com