Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1897 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1897
Description  RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1897 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1897 Datasheet HTML 1Page - STMicroelectronics SD1897 Datasheet HTML 2Page - STMicroelectronics SD1897 Datasheet HTML 3Page - STMicroelectronics SD1897 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1, C2 : 0.4 - 2.5pF Johanson Variable Capacitor
C3
: 100pF Chip Capacitor ATC
C4
: Suppression Filters CDI 9900381-6004
L1, L2 : 4 Turns, Choke #28 AWG .080” I.D.
Substrate: Er
= 10.2, Height .050”, 1 Oz. Cu.
All Dimensions in mm unless otherwise specified
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
1600 MHz
22.0 + j 23.0
3.1 + j 4.0
1650 MHz
28.0 + j 18.0
3.0 + j 2.0
POUT
= 10 W
VCE
= 28 V
PIN
= 0.8 W
SD1897
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com