Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4680 Datasheet (PDF) - Analog Devices

ADMV4680 Datasheet PDF - Analog Devices
Part # ADMV4680
Download  ADMV4680 Download
File Size   136.46 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 GHz to 14.5 GHz, 4-Channel Half-Duplex Beamformer

ADMV4680 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV4680 Datasheet PDF - Analog Devices

Part # ADMV4680
Download  ADMV4680 Click to download

File Size   136.46 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 GHz to 14.5 GHz, 4-Channel Half-Duplex Beamformer

ADMV4680 Datasheet (HTML) - Analog Devices


ADMV4680 Product details

GENERAL DESCRIPTION
The ADMV4680 is a Ku frequency band, half-duplex beamforming
chip. The chip contains a single port network interface that is used
for both transmit and receive, a four-way splitter for both transmit
and receive, and a T/R switch to separate transmit and receive circuits.
A central digital controller allows the core chip to adjust gain
and phase of each channel. In a four-channel configuration, the
core chip receive path combines the four phase-adjusted signals
into a common RF port.

FEATURES
► 4-channel T/R
► SPI control and single pin T/R control
► Common SPI bus for up to 32 beamformer chips
► Integrated power detector
► Flip-chip design
► 3.19 mm × 2.49 mm die size

APPLICATIONS
► 10 GHz to 15 GHz satellite communication system




Similar Part No. - ADMV4680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4630BCPZN AD-ADMV4630BCPZN Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4630BCPZN-RL7 AD-ADMV4630BCPZN-RL7 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
ADMV4640BCPZN AD-ADMV4640BCPZN Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results


Similar Description - ADMV4680

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
logo
Toshiba Semiconductor
TIM1414-7-252 TOSHIBA-TIM1414-7-252 Datasheet
255Kb / 4P
HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045_11 Datasheet
102Kb / 2P
14.0-14.5 GHz BAND / 8W
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
3/2019-Rev. 0 to Rev. A
ADMV4828 AD-ADMV4828 Datasheet
95Kb / 3P
24.0 GHz to 29.5 GHz Transmit/Receive Dual Polarization Beamformer
ADMV4928 AD-ADMV4928 Datasheet
500Kb / 3P
37.0 GHz to 43.5 GHz Transmit/Receive Dual Polarization Beamformer
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com