Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1888-03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1888-03
Description  RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1888-03 Datasheet(HTML) 1 Page - STMicroelectronics

  1888-03 Datasheet HTML 1Page - STMicroelectronics 1888-03 Datasheet HTML 2Page - STMicroelectronics 1888-03 Datasheet HTML 3Page - STMicroelectronics 1888-03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.6 GHz SATCOM APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 250 x .320 2LFL (M170)
epoxy sealed
.
1.65 GHz
.
28 VOLTS
.
EFFICIENCY 50% MIN.
.
CLASS C OPERATION
.
COMMON BASE
.
INPUT/OUTPUT MATCHING
.
POUT
= 24 W MIN. WITH 9.0 dB GAIN
DESCRIPTION
The SD1888-03 is a 28 V Class C silicon NPN
transistor designed for INMARSAT and other 1.65
GHz SATCOM applications. A gold metallized emit-
ter-ballasted die geometry is employed providing
high gain and efficiency while ensuring long term
reliability and ruggedness under severe operating
conditions. SD1888-03 is packaged in a cost-ef-
fective epoxy sealed housing
PIN CONNECTION
BRANDING
1888-3
ORDER CODE
SD1888-03
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Device Current
2.6
A
PDISS
Power Dissipation
50
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
3.5
°C/W
SD1888-03
1. Collector
3. Base
2. Emitter
THERMAL DATA
July 1993
1/4


Similar Part No. - 1888-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1888 ETC2-1888 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1888 KEYSTONE-1888 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Festo Corporation.
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
logo
TE Connectivity Ltd
1888020-1 TEC-1888020-1 Datasheet
384Kb / 2P
DIMENSIONING AND TOLERANCING
1888020-2 TEC-1888020-2 Datasheet
384Kb / 2P
DIMENSIONING AND TOLERANCING
More results

Similar Description - 1888-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Mar-1993
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
Jul-1993
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Nov-1992
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com