Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7969A Datasheet (PDF) - Belden Inc.

7969A Datasheet PDF - Belden Inc.
Part # 7969A
Download  7969A Download
File Size   176.91 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff® 6, 4 Bonded-Pr #22 Sol BC, PP Ins, X-spline, PVC Jkt, PLTC,CMR, CMX Outdoor

7969A Datasheet (PDF)

Go To PDF Page Download Datasheet
7969A Datasheet PDF - Belden Inc.

Part # 7969A
Download  7969A Click to download

File Size   176.91 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff® 6, 4 Bonded-Pr #22 Sol BC, PP Ins, X-spline, PVC Jkt, PLTC,CMR, CMX Outdoor

7969A Datasheet (HTML) - Belden Inc.


7969A Product details

Product Description
Industrial Ethernet Cat 6, 4 Bonded-Pair 22AWG (Solid) Bare Copper, PP Insulation, X-spline, PVC Outer Jacket, PLTC, CMR, CMX Outdoor




Similar Part No. - 7969A

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
79690 WIXROYD-79690 Datasheet
205Kb / 1P
Hatch Pulls
logo
Tyco Electronics
796949-2 MACOM-796949-2 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-3 MACOM-796949-3 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-4 MACOM-796949-4 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
796949-5 MACOM-796949-5 Datasheet
88Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
More results


Similar Description - 7969A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7903A BELDEN-7903A Datasheet
288Kb / 3P
DataTuff짰 5e, 4 Pr #22 Sol BC, PO Ins, OS, PVC Jkt, PLTC CMR
7921A BELDEN-7921A Datasheet
282Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMR CMX-Outdoor
7922A BELDEN-7922A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR
7939A BELDEN-7939A Datasheet
277Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str BC, PO Ins, OS, PVC Jkt, CMX-Outdoor CMR
7957A BELDEN-7957A Datasheet
283Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMR CMX-Outdoor
7940A BELDEN-7940A Datasheet
277Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
11872A BELDEN-11872A Datasheet
263Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, CMR
7940T BELDEN-7940T Datasheet
189Kb / 3P
DataTuff® 6, 4 Bonded-Pr #23 Sol BC, PO Ins, LSZH Jkt, CMR CMG
2022 Belden, Inc
IEA001 BELDEN-IEA001 Datasheet
174Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMR
2022 Belden, Inc
IEA002 BELDEN-IEA002 Datasheet
178Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, OS, PVC Jkt, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com