Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

796949-5 Datasheet (PDF) - Tyco Electronics

796949-5 Datasheet PDF - Tyco Electronics
Part # 796949-5
Download  796949-5 Download
File Size   88.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH

796949-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
796949-5 Datasheet PDF - Tyco Electronics

Part # 796949-5
Download  796949-5 Click to download

File Size   88.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH

796949-5 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 796949-5

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
79690 WIXROYD-79690 Datasheet
205Kb / 1P
Hatch Pulls
logo
List of Unclassifed Man...
79696030 ETC2-79696030 Datasheet
260Kb / 4P
Thermocouple probe J with nickel-plated brass eyelet - 횠 6.5 mm, connection sleeve - 횠 5 x 30 mm in stainless steel 316 L
79696031 ETC2-79696031 Datasheet
260Kb / 4P
Thermocouple probe J with casing - St. steel 304 L 횠 3 mm : 500 mm long PVC cable : 2 m long - Junction cannot be
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
79696034 ETC2-79696034 Datasheet
260Kb / 4P
Thermocouple probe K with casing - St. steel 304 L 횠 3 mm : 500 mm longPVC cable : 2 m long - Junction isolated from
More results


Similar Description - 796949-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282857 MACOM-C-282857 Datasheet
84Kb / 2P
TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY, STACKING W/INTERLOCK, 5.08mm
C-282841 MACOM-C-282841 Datasheet
248Kb / 2P
TERMINAL BLOCK PCB MOUNT W/INTERLOCK, 5.08mm PITCH
C-282847 MACOM-C-282847 Datasheet
198Kb / 2P
TERMINAL BLOCK, PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282851 MACOM-C-282851 Datasheet
70Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282856 MACOM-C-282856 Datasheet
184Kb / 2P
TERMINAL BLOCK, PCB MOUNT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-282862 MACOM-C-282862 Datasheet
67Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-796692 MACOM-C-796692 Datasheet
119Kb / 1P
TERMINAL BLOCK PCB MOUNT, 1ST AND 2ND LEVELSTACKING W/INTERLOCK, 5.08mm PITCH
C-1546074 MACOM-C-1546074 Datasheet
97Kb / 2P
TERMINAL BLOCK PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
1776491 MACOM-1776491 Datasheet
166Kb / 2P
TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY W/ INTERLOCK
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com