Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM Datasheet (PDF) - Littelfuse

PLM Datasheet PDF - Littelfuse
Part # PLM
Download  PLM Download
File Size   344.04 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Protection Relays

PLM Datasheet (PDF)

Go To PDF Page Download Datasheet
PLM Datasheet PDF - Littelfuse

Part # PLM
Download  PLM Click to download

File Size   344.04 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Protection Relays

PLM Datasheet (HTML) - Littelfuse


PLM Product details

Description
The PLM Series is a 3-phase voltage monitor that continuously
monitors each of the three phases. Monitors both delta and
wye systems and no connection to neutral is required. The
microcontroller circuit design protects against undervoltage,
voltage unbalance, phase loss and phase reversal. Protection is
assured when regenerated voltages are present.
Operation
The output relay is energized and the LED glows green
when all voltages are acceptable and the phase sequence is
correct. Under and unbalanced voltages must be sensed for a
continuous trip delay period before the relay de-energizes. Reset
is automatic upon correction of the fault condition. The output
relay will not energize if a fault condition is sensed as power is
applied. The LED flashes red during the trip delay, then glows
red when the output de-energizes. The LED flashes green/red if
phase reversal is sensed.
Field Adjustment
Set voltage adjustment knob at the desired operating line
voltage for the equipment. This adjustment automatically sets
the undervoltage trip point. Apply power. If the PLM fails to
energize, (LED glows red) check wiring of all three phases,
voltage, and phase sequence. If phase sequence is incorrect,
the LED flashes green/red. To correct this, swap any two
line voltage connections at the mounting socket. No further
adjustment should be required.

FEATURES BENEFITS
Quick octal 8-pin
mounting
Small footprint with universal mounting: ideal
replacement for hundreds of competitive
part numbers.
Proprietary
microcontroller
based circuitry
Constant monitoring of single-phase, low voltage,
high voltage, voltage unbalance, phase reversal.
LED diagnostics Quick visual indicator for trip versus
normal operation.
Isolated, 10A, SPDT
output contacts Allows control of loads for AC voltages
Adjustable nominal
voltage set point
Allows setting for specific application
voltage to optimize protection
Simple 3-wire connection
for delta or wye systems Allows flexibility across wide range of systems
ASME A17.1 Rule 210.6 Complies with safety codes for elevators,
escalators, moving walkways
NEMA MG1 14:30, 14:35 Complies with safety codes for motors
and generators
IEEE C62.41-1991 Level B Complies with safety codes for surge and
voltage protection




Similar Part No. - PLM

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PLM OMEGA-PLM Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-1012/2 OMEGA-PLM-1012/2 Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-106/10-P OMEGA-PLM-106/10-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-112/2-P OMEGA-PLM-112/2-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
logo
Mean Well Enterprises C...
PLM-12 MEANWELL-PLM-12 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
More results


Similar Description - PLM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
Protection Relays and Controls
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
PHS LITTELFUSE-PHS Datasheet
372Kb / 2P
Protection Relays
2016 Rev: 1-A-062116
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
ZSCT LITTELFUSE-ZSCT Datasheet
332Kb / 2P
Protection Relays Current Transformers
2016 Rev: 1-A-031218
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com