Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM Datasheet (PDF) - Omega Engineering, Inc.

PLM Datasheet PDF - Omega Engineering, Inc.
Part # PLM
Download  PLM Download
File Size   456.52 Kbytes
Page   1 Pages
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.
Description Polyimide Flexible Heaters with Polyimide Strain Relief

PLM Datasheet (PDF)

Go To PDF Page Download Datasheet
PLM Datasheet PDF - Omega Engineering, Inc.

Part # PLM
Download  PLM Click to download

File Size   456.52 Kbytes
Page   1 Pages
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.
Description Polyimide Flexible Heaters with Polyimide Strain Relief

PLM Datasheet (HTML) - Omega Engineering, Inc.


PLM Product details

Features
• All polyimide strain relief and insulation
• Optional pressure sensitive adhesive models
• Temperatures from -57°C (-71°F) to 232°C (450°F)
• Non-magnetic heating element
• Watt densities of 2.5 W/in2, 5 W/in2 or 10 W/in2
• Thickness of 0.01" and wire length tolerance of ±0.4"




Similar Part No. - PLM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLM LITTELFUSE-PLM Datasheet
344Kb / 2P
Protection Relays
2016 Rev: 1-A-062116
logo
Mean Well Enterprises C...
PLM-12 MEANWELL-PLM-12 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-1050 MEANWELL-PLM-12E-1050 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-350 MEANWELL-PLM-12E-350 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-500 MEANWELL-PLM-12E-500 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
More results


Similar Description - PLM

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
H13502JP YENYO-H13502JP Datasheet
632Kb / 2P
Polyimide Passivated Auto Rectifier
H13518JP YENYO-H13518JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15002JP YENYO-H15002JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15018GP YENYO-H15018GP Datasheet
631Kb / 2P
Polyimide Passivated Auto Rectifier
H15018JP YENYO-H15018JP Datasheet
636Kb / 2P
Polyimide Passivated Auto Rectifier
PL5002JP YENYO-PL5002JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018GP YENYO-PL5018GP Datasheet
641Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018JP YENYO-PL5018JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL6002JP YENYO-PL6002JP Datasheet
649Kb / 2P
Polyimide Passivated Auto Rectifier
logo
3M Electronics
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com