Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

127929A Datasheet (PDF) - Belden Inc.

127929A Datasheet PDF - Belden Inc.
Part # 127929A
Download  127929A Download
File Size   162.96 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff® 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor,PVC Jkt, CMG CM

127929A Datasheet (PDF)

Go To PDF Page Download Datasheet
127929A Datasheet PDF - Belden Inc.

Part # 127929A
Download  127929A Click to download

File Size   162.96 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff® 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor,PVC Jkt, CMG CM

127929A Datasheet (HTML) - Belden Inc.


127929A Product details

Product Description
Industrial Ethernet Cat 5e, 4 Bonded-Pair 24AWG (Solid) Bare Copper, PO Insulation, Overall Beldfoil® Shield, PVC Inner Jacket, Aluminum Interlock Armor,
PVC Outer Jacket, CMG CM




Similar Part No. - 127929A

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
12792 ATOM-12792 Datasheet
389Kb / 3P
AT9045 /6 /7 /8 TRI
23rd of January 2025 01:10:32
More results


Similar Description - 127929A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7929A BELDEN-7929A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, CMR CMG
11700A BELDEN-11700A Datasheet
278Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
121700A BELDEN-121700A Datasheet
273Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, AIA Armor, PVC Jkt, CMG CM
127903A BELDEN-127903A Datasheet
243Kb / 3P
DataTuff짰 5e, 4Pr #22 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor, PVC Jkt, PLTC CMR
7936A BELDEN-7936A Datasheet
272Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, LSZH Jkt, CMG CM
11872A BELDEN-11872A Datasheet
263Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, CMR
121872A BELDEN-121872A Datasheet
286Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, AIA Armor, PVC Jkt, CMG CM
121700R BELDEN-121700R Datasheet
272Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, AIA Armor, PVC Jkt, CMG CM -40C
IEA001 BELDEN-IEA001 Datasheet
174Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMR
2022 Belden, Inc
IEA002 BELDEN-IEA002 Datasheet
178Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, OS, PVC Jkt, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com