Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12792 Datasheet (PDF) - Atom Lighting

12792 Datasheet PDF - Atom Lighting
Part # 12792
Download  12792 Download
File Size   389.32 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9045 /6 /7 /8 TRI

12792 Datasheet (PDF)

Go To PDF Page Download Datasheet
12792 Datasheet PDF - Atom Lighting

Part # 12792
Download  12792 Click to download

File Size   389.32 Kbytes
Page   3 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9045 /6 /7 /8 TRI

12792 Datasheet (HTML) - Atom Lighting


12792 Product details

Description
35W LED downlight with dimmable driver - Tri-CCT - White




Similar Part No. - 12792

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
127929A BELDEN-127929A Datasheet
162Kb / 2P
DataTuff® 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor,PVC Jkt, CMG CM
2022 Belden, Inc
More results


Similar Description - 12792

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP7304 NSC-DP7304 Datasheet
295Kb / 5P
8 BIT TRI-STATE BIDIRECTIONAL TRANSCEIVER
MM54HCT251 NSC-MM54HCT251 Datasheet
99Kb / 4P
8-Channel TRI-STATE-R Multiplexer
logo
Central Technologies
CT-64993F CT-CT-64993F Datasheet
498Kb / 2P
ISDN S-Interface 6 Pin, 7 Pin, 8 Pin DIP
logo
STANLEY ELECTRIC CO.,LT...
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
PLCC-6 Type Tri-color
logo
TriQuint Semiconductor
TGB2010 TRIQUINT-TGB2010 Datasheet
283Kb / 7P
6, 7, 8, 9, 10 & 11 GHz Filters
logo
Alpha Wire
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
logo
Pasternack Enterprises,...
PE7039-6 PASTERNACK-PE7039-6_16 Datasheet
239Kb / 3P
6 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Brass Tri-Metal Body
logo
TDK Electronics
ICM-30630 TDK-ICM-30630 Datasheet
141Kb / 1P
Tri-core 6-Axis Motiontraking Device
logo
TRACO Electronic AG
TRI6 TRACOPOWER-TRI6 Datasheet
890Kb / 4P
DC/DC Converter TRI 6 Series, 6 Watt
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com