Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS100 Datasheet (PDF) - Littelfuse

FS100 Datasheet PDF - Littelfuse
Part # FS100
Download  FS100 Download
File Size   414.58 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Flashers and Tower Lighting Controls

FS100 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS100 Datasheet PDF - Littelfuse

Part # FS100
Download  FS100 Click to download

File Size   414.58 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Flashers and Tower Lighting Controls

FS100 Datasheet (HTML) - Littelfuse


FS100 Product details

Description
The FS100 Series (medium power) may be used to control
inductive, incandescent, or resistive loads. Input voltages of 24,
120, or 230VAC are available. Fixed flash rates in stock range
from 30, 50, 60, and 90 FPM, with custom flash rates ranging
from 10 to 300 FPM. Encapsulation provides protection against
shock, vibration, and humidity. This group of solid-state flashers
has proven reliability with years of use throughout the world.
Operation
Upon application of input voltage, the T2 OFF time begins. At
the end of the OFF time, the T1 ON time begins and the load
energizes. At the end of T1, T2 begins and the load de-energizes.
This cycle repeats until input voltage is removed.
Reset: Removing input voltage resets the output and the
sequence to T2.

FEATURES BENEFITS
3A steady, 30A
inrush current
Provides direct control of inductive, incandescent, or
resistive loads
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity




Similar Part No. - FS100

ManufacturerPart #DatasheetDescription
logo
Alpha Company Ltd.
FS100 ALPHAC-FS100 Datasheet
82Kb / 1P
Active Heat Sink
logo
Turck, Inc.
FS100-300L-04-2UPN8-H1141 TURCK-FS100-300L-04-2UPN8-H1141 Datasheet
1Mb / 5P
Flow Sensor
11/07/2023
FS100-300L-16-2LI-H1141 TURCK-FS100-300L-16-2LI-H1141 Datasheet
1Mb / 5P
Flow Sensor
11/07/2023
FS100-300L-16-2UPN8-H1141 TURCK-FS100-300L-16-2UPN8-H1141 Datasheet
1Mb / 5P
Flow Sensor
11/07/2023
FS100-300L-30-2LI-H1141 TURCK-FS100-300L-30-2LI-H1141 Datasheet
1Mb / 5P
Flow Sensor
11/07/2023
More results


Similar Description - FS100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS491 LITTELFUSE-FS491 Datasheet
283Kb / 1P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062016
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com