Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS491 Datasheet (PDF) - Littelfuse

FS491 Datasheet PDF - Littelfuse
Part # FS491
Download  FS491 Download
File Size   283.23 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Flashers and Tower Lighting Controls

FS491 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS491 Datasheet PDF - Littelfuse

Part # FS491
Download  FS491 Click to download

File Size   283.23 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Flashers and Tower Lighting Controls

FS491 Datasheet (HTML) - Littelfuse


FS491 Product details

Description
The FS491 is a low leakage AC flasher designed to control LED,
or resistive loads. This product offers a solid-state output and
may be ordered with an input voltage of 24V to 240VAC, in two
ranges. It offers a factory fixed flash rate of 75 FPM or may be
ordered with a fixed, custom flash rate ranging from 45 to 150
FPM. The FS491 is the perfect solution for LED lamp flashing.
Operation
Upon application of input voltage, the output energizes and
the ON time begins. At the end of the ON time, the output
de-energizes and the OFF time begins. At the end of the OFF
time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and the
flash sequence.

FEATURES BENEFITS
Totally solid state No moving parts to arc and wear out, up to 100
million operations under typical conditions
Fully encapsulated Protects circuitry from shock, vibration and humidity
Extremely low
leakage current Ideal for use in LED lighting applications




Similar Part No. - FS491

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FS4 GULFSEMI-FS4 Datasheet
244Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00 V CURRENT竊?1.0A
logo
XP Power Limited
FS40 XPPOWER-FS40 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Alpha Company Ltd.
FS40 ALPHAC-FS40 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M42 ALPHAC-FS40-15M42 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M45 ALPHAC-FS40-15M45 Datasheet
89Kb / 1P
Active Heat Sink
More results


Similar Description - FS491

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS100 LITTELFUSE-FS100 Datasheet
414Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com