Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS491 Datasheet(PDF) 1 Page - Littelfuse

Part # FS491
Description  Flashers and Tower Lighting Controls
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS491 Datasheet(HTML) 1 Page - Littelfuse

  FS491 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2016 Littelfuse Protection Relays & Controls
Rev: 1-A-062016
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs491
FS491
Description
The FS491 is a low leakage AC flasher designed to control LED,
or resistive loads. This product offers a solid-state output and
may be ordered with an input voltage of 24V to 240VAC, in two
ranges. It offers a factory fixed flash rate of 75 FPM or may be
ordered with a fixed, custom flash rate ranging from 45 to 150
FPM. The FS491 is the perfect solution for LED lamp flashing.
Operation
Upon application of input voltage, the output energizes and
the ON time begins. At the end of the ON time, the output
de-energizes and the OFF time begins. At the end of the OFF
time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and the
flash sequence.
Features & Benefits
FEATURES
BENEFITS
Totally solid state
No moving parts to arc and wear out, up to 100
million operations under typical conditions
Fully encapsulated
Protects circuitry from shock, vibration and humidity
Extremely low
leakage current
Ideal for use in LED lighting applications
Specifications
Technical Data
Operation
ON/OFF solid-state flasher (continuous duty)
Flash Rate
Fixed at 75 FPM ±20%
Custom Flash Rates
45 - 150 FPM ±20%
ON/OFF Ratio
≅ 50%
Input
Voltage
24, or 120 - 240VAC
Tolerance
± 15%
AC Line Frequency
50/60Hz
Output
Load Type
LED or resistive
Output
Bridge Rectifier & FET
Maximum Load Rating
120VAC to 240VAC
0.5A steady state; 5A inrush
Max. Load Leakage Current
250µA
Voltage Drop
2V typical
Mechanical
Mounting
Surface mount with one #8 (M4 x 0.7) screw
Dimensions
Dia. 23.9 mm (0.94”); D 38.1 mm (1.5”)
Protection
Surge
IEEE C62.41 - 1991 Level A
Circuitry
Encapsulated
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 1.1 oz (31 g)
L1
N/L2
V = Voltage
L = Load
R = Red Wire
B = Black Wire
W = White Wire
Wiring Diagram
Function Diagram
FLASHER (ON FIRST)
ON time plus OFF time equals one
complete flash.
V = Voltage
R = Reset
L = Load
T1 = ONTime
T2 = OFFTime
T1 ≅ T2


Similar Part No. - FS491

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FS4 GULFSEMI-FS4 Datasheet
244Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00 V CURRENT竊?1.0A
logo
XP Power Limited
FS40 XPPOWER-FS40 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Alpha Company Ltd.
FS40 ALPHAC-FS40 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M42 ALPHAC-FS40-15M42 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M45 ALPHAC-FS40-15M45 Datasheet
89Kb / 1P
Active Heat Sink
More results

Similar Description - FS491

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS100 LITTELFUSE-FS100 Datasheet
414Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com