Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSP6AF0101000 Datasheet (PDF) - Belden Inc.

OSP6AF0101000 Datasheet PDF - Belden Inc.
Part # OSP6AF0101000
Download  OSP6AF0101000 Download
File Size   163.86 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled

OSP6AF0101000 Datasheet (PDF)

Go To PDF Page Download Datasheet
OSP6AF0101000 Datasheet PDF - Belden Inc.

Part # OSP6AF0101000
Download  OSP6AF0101000 Click to download

File Size   163.86 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled

OSP6AF0101000 Datasheet (HTML) - Belden Inc.


OSP6AF0101000 Product details

Product Description
Category 6A Horizontal Premise Cable (500MHz), OSP Rated, 4 Pair, 23 AWG Solid Bare Copper Conductors, F/UTP, Inner Polyolefin Jacket, Gel-Filled,
Outer Polyolefin Jacket




Similar Part No. - OSP6AF0101000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
OSP6AU0101000 BELDEN-OSP6AU0101000 Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
More results


Similar Description - OSP6AF0101000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
DOSP6AF BELDEN-DOSP6AF Datasheet
158Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6F BELDEN-DOSP6F Datasheet
158Kb / 3P
Category 6 OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6U BELDEN-DOSP6U Datasheet
158Kb / 2P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M57622 BELDEN-M57622 Datasheet
235Kb / 2P
Mohawk Category 6 OSP Cable, 4 Pair, U/UTP, Gel-filled
2022 Belden, Inc
OSP6U BELDEN-OSP6U Datasheet
162Kb / 3P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Filled
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com