Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5871Q Datasheet (PDF) - Diodes Incorporated

AL5871Q Datasheet PDF - Diodes Incorporated
Part # AL5871Q
Download  AL5871Q Download
File Size   1231.54 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER

AL5871Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL5871Q Datasheet PDF - Diodes Incorporated

Part # AL5871Q
Download  AL5871Q Click to download

File Size   1231.54 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER

AL5871Q Datasheet (HTML) - Diodes Incorporated


AL5871Q Product details

Features
- Wide Input Voltage Range from 5V to 55V
- Up to 750mA Output Current Capacity
- Low Drop-out Voltage on LED Pin
- Output Current Adjustable by a Low Power External Reference Resistor
- PWM and Analog Dimming with Excellent Linearity
- Automatically Enter and Exit Standby Mode Without Enable Pin
- Internal Protections:
- Input Under Voltage Lock-out (UVLO)
- Enable LED String Open Protection
- LED String Short Protection
- Over Temperature Protection (OTP)
- Diagnostic Enable with Adjustable Threshold for Low-Dropout Operation
- Thermal Fold-Back if Chip Temperature Exceeds the Threshold
- Fault Reporting: UVLO, OTP, LED Open, and LED Short
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AL5871Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.

Applications
- Automotive interior lighting: dome light, reading lamps
- Automotive exterior lighting:
- Small light: blind-spot detection indicators, charging inlets, door handles
- Rear light: rear lamps, center high mounted stop lamps, side markers




Similar Part No. - AL5871Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5873 DIODES-AL5873 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
AL5873Q DIODES-AL5873Q Datasheet
855Kb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 2 - 2 February 2021
AL5873QT16E-13 DIODES-AL5873QT16E-13 Datasheet
855Kb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 2 - 2 February 2021
AL5873T16E-13 DIODES-AL5873T16E-13 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
More results


Similar Description - AL5871Q

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
3A, 55V White LED Driver
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
Automotive Single-Channel Linear LED Driver
logo
Monolithic Power System...
MPQ2483 MPS-MPQ2483 Datasheet
1Mb / 16P
Industrial/Automotive-Grade 55V, 2.5A Programmable Frequency LED Driver Avaiable in AEC-Q100
MPQ2483A MPS-MPQ2483A Datasheet
592Kb / 16P
Industrial/Automotive-Grade 55V, 2.5A Programmable Frequency LED Driver Available in AEC-Q100
logo
Diodes Incorporated
AL5873 DIODES-AL5873 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
AL5873Q DIODES-AL5873Q Datasheet
855Kb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 2 - 2 February 2021
logo
Rohm
BD18333EUV-M ROHM-BD18333EUV-M Datasheet
4Mb / 95P
24CH Linear LED Driver Embedded Automotive Lamps LED Driver
09.Sep.2022 Rev.001
BD18332EUV-M ROHM-BD18332EUV-M Datasheet
5Mb / 98P
24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com