Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5873Q Datasheet (PDF) - Diodes Incorporated

AL5873Q Datasheet PDF - Diodes Incorporated
Part # AL5873Q
Download  AL5873Q Download
File Size   855.67 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 55V/250mA THREE-CHANNEL LINEAR LED DRIVER

AL5873Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL5873Q Datasheet PDF - Diodes Incorporated

Part # AL5873Q
Download  AL5873Q Click to download

File Size   855.67 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 55V/250mA THREE-CHANNEL LINEAR LED DRIVER

AL5873Q Datasheet (HTML) - Diodes Incorporated


AL5873Q Product details

Features
- AEC-Q100 Grade 1 Qualification
- Wide Input Voltage Range from 5V to 55V
- Each Channel Up to 250mA Current Capability
- Set Stop and Tail Current Independently Through 2 Resistors
- Switch LED Current Between Stop and Tail Function
Automatically via FULL Input
- PWM Dimming via Both PWM Input and Power Supply
- Analog Dimming via ADIM Input
- Automatically Enter and Exit Standby Mode without Enable Pin
- Internal Protections:
Input Under Voltage Lock-Out (UVLO)
LED String Open Protection
LED String Short Protection
Over Temperature Protection (OTP)
- Thermal Fold-back if Chip Temperature Exceeds the Threshold
- Fault Reporting: UVLO, OTP, LED Open, and LED Short
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AL5873Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- Automotive LED Inner Lamps
- Rear Light – Tail and Stop Light, Rear Turn Indicator, Parking
Light, Fog Light, Reverse Light




Similar Part No. - AL5873Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5873 DIODES-AL5873 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
AL5873T16E-13 DIODES-AL5873T16E-13 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
More results


Similar Description - AL5873Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
250mA Universal Nine Channel LED Driver
logo
Monolithic Power System...
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
3A, 55V White LED Driver
logo
Linear Technology
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
250mA Universal Nine Channel LED Driver
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Monolithic Power System...
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
55V, 3A, White LED Driver
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
3A,55V White LED Driver
logo
Diodes Incorporated
AL1783 DIODES-AL1783 Datasheet
616Kb / 14P
60V THREE INDEPENDENT PWM CHANNEL LINEAR LED DRIVER
Rev 2
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
AL5873 DIODES-AL5873 Datasheet
1Mb / 16P
55V/250mA THREE-CHANNEL LINEAR LED DRIVER
Rev. 1 - 2 March 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com