Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS1100 Datasheet (PDF) - Advanced Power Technology

MDS1100 Datasheet PDF - Advanced Power Technology
Part # MDS1100
Download  MDS1100 Download
File Size   104.53 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description 1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz

MDS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS1100 Datasheet PDF - Advanced Power Technology

Part # MDS1100
Download  MDS1100 Click to download

File Size   104.53 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description 1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz

MDS1100 Datasheet (HTML) - Advanced Power Technology


MDS1100 Product details

GENERAL DESCRIPTION

The MDS1100 is a high power COMMON BASE bipolar transistor. It is designed for pulsed systems at 1030 MHz, with the pulse width and duty required for MODE-S applications. The device has gold thin-film metalization and emitter ballasting for proven highest MTTF. The transistor includes input and output prematch for broadband capability. Low thermal resistance package reduces junction temperature, extends life.





ABSOLUTE MAXIMUM RATINGS

Maximum Power Dissipation


Device Dissipation @ 25°C1          8750 W

Maximum Voltage and Current

Collector to Base Voltage (BVces) 65 V

Emitter to Base Voltage (BVebo) 4.5 V

Collector Current (Ic) 100 A

Maximum Temperatures

Storage Temperature  -65 to +200 °C

Operating Junction Temperature  +200 °C




Similar Part No. - MDS1100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS1100 MICROSEMI-MDS1100 Datasheet
121Kb / 4P
a high power COMMON BASE bipolar transistor.
More results


Similar Description - MDS1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
TCS1200 MICROSEMI-TCS1200 Datasheet
157Kb / 2P
1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TCS1200 MICROSEMI-TCS1200_09 Datasheet
105Kb / 4P
1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com