Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS1100 Datasheet (PDF) - Microsemi Corporation

MDS1100 Datasheet PDF - Microsemi Corporation
Part # MDS1100
Download  MDS1100 Download
File Size   121.67 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description a high power COMMON BASE bipolar transistor.

MDS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS1100 Datasheet PDF - Microsemi Corporation

Part # MDS1100
Download  MDS1100 Click to download

File Size   121.67 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description a high power COMMON BASE bipolar transistor.

MDS1100 Datasheet (HTML) - Microsemi Corporation


MDS1100 Product details

GENERAL DESCRIPTION

The MDS1100 is a high power COMMON BASE bipolar transistor. It is designed for pulsed systems at 1030 MHz, with the pulse width and duty required for MODE-S applications. The device has gold thin-film metalization and emitter ballasting for proven highest MTTF. The transistor includes input

and output prematch for broadband capability. Low thermal resistance package reduces junction temperature, extends life.



ABSOLUTE MAXIMUM RATINGS

Maximum Power Dissipation

Device Dissipation @ 25°C1 8750 W

Maximum Voltage and Current

Collector to Base Voltage (BVces) 65 V

Emitter to Base Voltage (BVebo) 4.5 V

Collector Current (Ic) 100 A

Maximum Temperatures

Storage Temperature  -65 to +200 °C

Operating Junction Temperature  +200 °C




Similar Part No. - MDS1100

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MDS1100 ADPOW-MDS1100 Datasheet
104Kb / 4P
1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz
More results


Similar Description - MDS1100

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TAN350 ADPOW-TAN350 Datasheet
711Kb / 4P
high power COMMON BASE bipolar transistor.
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com