Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1251 Datasheet (PDF) - Advanced Power Technology

MS1251 Datasheet PDF - Advanced Power Technology
Part # MS1251
Download  MS1251 Download
File Size   193.35 Kbytes
Page   6 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS

MS1251 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1251 Datasheet PDF - Advanced Power Technology

Part # MS1251
Download  MS1251 Click to download

File Size   193.35 Kbytes
Page   6 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS

MS1251 Datasheet (HTML) - Advanced Power Technology


MS1251 Product details

DESCRIPTION:
The MS1251 is an epitaxial silicon NPN planar transistor designed primarily for 12.5 V, Class C VHF communications. This device utilizes diffused emitter resistors to achieve 20:1 VSWR capability at rated operating conditions.

Features
• 175 MHz
• 12.5 VOLTS
• POUT = 45 WATTS
• GP = 6.5 dB MINIMUM
• INPUT MATCHED
• COMMON EMITTER CONFIGURATION
• VSWR = 20:1




Similar Part No. - MS1251

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS125 DIOTEC-MS125 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS125 DIOTEC-MS125 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Advanced Power Technolo...
MS1252 ADPOW-MS1252 Datasheet
84Kb / 3P
RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS
MS1253 ADPOW-MS1253 Datasheet
115Kb / 4P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
logo
CIT Relay & Switch
MS1257 CIT-MS1257 Datasheet
118Kb / 1P
CIT SWITCH
More results


Similar Description - MS1251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275-01 STMICROELECTRONICS-SD1275-01 Datasheet
59Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1505 ADPOW-MS1505 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com